| Electronic Components Datasheet Search |
|
TSH310 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH310 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 19 page ![]() TSH310 Electrical Characteristics 6/19 Figure 7: Slew rate Figure 8: Isink Figure 9: Output amplitude vs. load -10ns -5ns 0s 5ns 10ns 15ns 20ns 0,0 0,5 1,0 1,5 2,0 Gain=+2 Vcc=5V Load=1k Ω Time (ns) -2,0 -1,5 -1,0 -0,5 0,0 0 25 50 75 100 125 150 + _ RG +2.5V -2.5V VOL without load V Isink Amplifier in open loop without load -1V + _ RG +2.5V -2.5V VOL without load V Isink Amplifier in open loop without load -1V V (V) 10 100 1k 10k 100k 2,0 2,5 3,0 3,5 4,0 Gain=+2 Vcc=5V Load=1k Ω Load (ohms) Figure 10: Quiescent current vs. Vcc Figure 11: Isource Figure 12: Input voltage noise vs. frequency 1,25 1,50 1,75 2,00 2,25 2,50 -400 -200 0 200 400 Gain=+2 Vcc=5V Inputs to ground, no load Icc(+) Icc(-) +/-Vcc (V) 0,00,5 1,01,5 2,0 -150 -125 -100 -75 -50 -25 0 + _ RG +2.5V -2.5V VOH without load V Isource Amplifier in open loop without load +1V + _ RG +2.5V -2.5V VOH without load V Isource Amplifier in open loop without load +1V V (V) 100 1k 10k 100k 1M 10M 100M 7,0 7,5 8,0 8,5 9,0 9,5 10,0 Gain=32dB Rg=12ohms Rfb=510ohms non-inverting input in short-circuit Vcc=5V Frequency (Hz) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |