Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1149 Datasheet (PDF) - DFROBOT

DFR1149 Datasheet PDF - DFROBOT
Part # DFR1149
Download  DFR1149 Download
File Size   675.37 Kbytes
Page   7 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Intel® Core™ i3-N305 (Up to 3.8GHz, 8-core, 8-thread)

DFR1149 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1149 Datasheet PDF - DFROBOT

Part # DFR1149
Download  DFR1149 Click to download

File Size   675.37 Kbytes
Page   7 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Intel® Core™ i3-N305 (Up to 3.8GHz, 8-core, 8-thread)

DFR1149 Datasheet (HTML) - DFROBOT


DFR1149 Product details

Features Intel® Core™ i3-N305 (Up to 3.8GHz, 8-core, 8-thread) Onboard 16GB 4800MHz LPDDR5 memory with IBECC supported 64GB eMMC 5.1 storage Configurable TDP: 9W ~ 35W Multiple OS Support: Windows 10, Windows 11, Ubuntu Rich Expansion Pins, including: 3 HDMI/DisplayPort, 8 USB 2.0, up to 4 USB 3.2, 9 PCIe 3.0 lanes, 2 SATA 3.0, 64 expandable GPIOs, etc. Open-source Design Files (KiCAD) of Carrier Boards




Similar Part No. - DFR1149

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1140 DFROBOT-DFR1140 Datasheet
259Kb / 6P
Equipped with ESP32-WROOM-32UE-N16R2 dual-core module
DFR1141 DFROBOT-DFR1141 Datasheet
459Kb / 5P
Expose of all pins of the LattePanda Mu compute module
DFR1142 DFROBOT-DFR1142 Datasheet
358Kb / 3P
2 x USB3.2 10Gbps, 2x USB 2.0
DFR1145 DFROBOT-DFR1145 Datasheet
312Kb / 6P
Clock frequency up to 240MHz, with built-in 512KB SRAM and 4M Flash.
DFR1146 DFROBOT-DFR1146 Datasheet
5Mb / 8P
Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
More results


Similar Description - DFR1149

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-287 ADVANTECH-AIMB-287 Datasheet
1Mb / 6P
Intel® Core™ i9/i7/i5/i3 LGA 1200 Intel® Core™ i9/i7/i5/i3 LGA 1200 Dual LAN, M.2, DDR4, DC Input
6-Jul-2021
AIR-300 ADVANTECH-AIR-300 Datasheet
731Kb / 2P
Intel® Xeon® /Core™ i3/i5/i7 LGA1151 Powerful Edge Inference System
26-Apr-2022
PPC-315W-TGL ADVANTECH-PPC-315W-TGL Datasheet
619Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-6121 ADVANTECH-PPC-6121 Datasheet
554Kb / 2P
12.1 Panel PC with 8/9th Generation Intel® Core™ i/Celeron® Processor
14-Apr-2021
FWA-3232 ADVANTECH-FWA-3232 Datasheet
995Kb / 2P
1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, up to 8 GbE ports
9-Jun-2017
logo
AAEON Technology
UPN-ADLN50-A10-0432 AAEON-UPN-ADLN50-A10-0432 Datasheet
789Kb / 2P
UP Squared Pro 7000 Developer Board with Intel Atom® x7000E Series, Intel® Processor N-series, and Intel® Core™ i3-N305 Processor (formerly Alder Lake-N )
2023/04/28
UPN-EDGE-ADLN50-A10-0432 AAEON-UPN-EDGE-ADLN50-A10-0432 Datasheet
538Kb / 2P
UP Squared Pro 7000 System with Intel Atom® x7000E Series, Intel® Processor N-series, and Intel® Core™ i3-N305 Processor (formerly Alder Lake-N)
2023/04/28
UPX-EDGE-ADLPI7-A10-16128 AAEON-UPX-EDGE-ADLPI7-A10-16128 Datasheet
473Kb / 2P
UP Xtreme i12 system with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/02/16
UPX-WHLI7-A20-16064 AAEON-UPX-WHLI7-A20-16064 Datasheet
859Kb / 2P
UP Xtreme developer board with Intel® WHL-U Core™ i7/i5/i3/Celeron® Processor SoC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com