Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1142 Datasheet (PDF) - DFROBOT

DFR1142 Datasheet PDF - DFROBOT
Part # DFR1142
Download  DFR1142 Download
File Size   358.98 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 2 x USB3.2 10Gbps, 2x USB 2.0

DFR1142 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1142 Datasheet PDF - DFROBOT

Part # DFR1142
Download  DFR1142 Click to download

File Size   358.98 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 2 x USB3.2 10Gbps, 2x USB 2.0

DFR1142 Datasheet (HTML) - DFROBOT


DFR1142 Product details

FEATURES
• Wide voltage input
• Gigabit Ethernet
• 2 x USB3.2 10Gbps, 2x USB 2.0
• HDMI 2.0, supports 4K video output
• PCIe 3.0 x4 expansion slot
• Dual M.2 expansion slots
• 3.5-inch embedded motherboard standard size
• Open-source Design




Similar Part No. - DFR1142

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1140 DFROBOT-DFR1140 Datasheet
259Kb / 6P
Equipped with ESP32-WROOM-32UE-N16R2 dual-core module
DFR1141 DFROBOT-DFR1141 Datasheet
459Kb / 5P
Expose of all pins of the LattePanda Mu compute module
DFR1145 DFROBOT-DFR1145 Datasheet
312Kb / 6P
Clock frequency up to 240MHz, with built-in 512KB SRAM and 4M Flash.
DFR1146 DFROBOT-DFR1146 Datasheet
5Mb / 8P
Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
DFR1147 DFROBOT-DFR1147 Datasheet
673Kb / 7P
Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
More results


Similar Description - DFR1142

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIOE-110 ADVANTECH-MIOE-110_13 Datasheet
178Kb / 1P
2 x RS-232, 2 x RS-232/422/485 (with power and isolation), 2 x USB 2.0
MIOE-230 ADVANTECH-MIOE-230_13 Datasheet
192Kb / 1P
48-bit LVDS or DisplayPort1, 2 x USB 2.0
logo
Axiomtek Co., Ltd.
PICO822 AXIOMTEK-PICO822_14 Datasheet
346Kb / 1P
2 COM and 4 USB 2.0 1 client USB 2.0 supported
logo
List of Unclassifed Man...
MI950 ETC2-MI950 Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
IB827 ETC2-IB827 Datasheet
1Mb / 1P
6x SATA II, 2x COM, 6x USB 2.0, Watchdog timer
IB936F ETC2-IB936F Datasheet
1Mb / 1P
4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
logo
Tripp Lite. All Rights ...
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
logo
AAEON Technology
GENE-KBU6 AAEON-GENE-KBU6 Datasheet
443Kb / 2P
Support 8-bit Digital I/O, USB 2.0 x 2 , USB 3.0 x 4
logo
Vecow Co., Ltd.
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
logo
Diodes Incorporated
PI3EQX10612 DIODES-PI3EQX10612 Datasheet
646Kb / 1P
10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com