Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1146 Datasheet (PDF) - DFROBOT

DFR1146 Datasheet PDF - DFROBOT
Part # DFR1146
Download  DFR1146 Download
File Size   5432.31 Kbytes
Page   8 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)

DFR1146 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1146 Datasheet PDF - DFROBOT

Part # DFR1146
Download  DFR1146 Click to download

File Size   5432.31 Kbytes
Page   8 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)

DFR1146 Datasheet (HTML) - DFROBOT


DFR1146 Product details

FEATURES
• Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
• Onboard 8GB 4800MHz LPDDR5 memory with IBECC supported
• 64GB eMMC 5.1 storage
• Configurable TDP: 6W ~ 35W
• Multiple OS Support: Windows 10, Windows 11, Ubuntu
• Rich Expansion Pins, including: 3 HDMI/DisplayPort, 8 USB 2.0, up to 4
USB 3.2, 9 PCIe 3.0 lanes, 2 SATA 3.0, 64 expandable GPIOs, etc.
• Open-source Design Files (KiCAD) of Carrier Boards




Similar Part No. - DFR1146

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1140 DFROBOT-DFR1140 Datasheet
259Kb / 6P
Equipped with ESP32-WROOM-32UE-N16R2 dual-core module
DFR1141 DFROBOT-DFR1141 Datasheet
459Kb / 5P
Expose of all pins of the LattePanda Mu compute module
DFR1142 DFROBOT-DFR1142 Datasheet
358Kb / 3P
2 x USB3.2 10Gbps, 2x USB 2.0
DFR1145 DFROBOT-DFR1145 Datasheet
312Kb / 6P
Clock frequency up to 240MHz, with built-in 512KB SRAM and 4M Flash.
DFR1147 DFROBOT-DFR1147 Datasheet
673Kb / 7P
Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
More results


Similar Description - DFR1146

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
243658-020 INTEL-243658-020 Datasheet
2Mb / 128P
Intel Celeron Processor up to 1.10 GHz
310308-002 INTEL-310308-002 Datasheet
4Mb / 106P
Intel Pentium 4 Processor
313079-001 INTEL-313079-001 Datasheet
3Mb / 104P
Dual-Core Intel Xeon Processor
314054-002 INTEL-314054-002 Datasheet
1Mb / 108P
Dual-Core Intel Itanium Processor
314915-002 INTEL-314915-002 Datasheet
2Mb / 102P
Dual-Core Intel Xeon Processor
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
Intel Pentium Dual-Core Desktop Processor
T2700 INTEL-T2700 Datasheet
1Mb / 91P
Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
Intel Pentium 4 Processor and Intel Celeron Processor
logo
Axiomtek Co., Ltd.
MANO300 AXIOMTEK-MANO300 Datasheet
325Kb / 1P
Intel Celeron Processor N3160 - up to 2.24 GHz
logo
DFI Inc
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
6th/7th Gen Intel Core Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com