Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1145 Datasheet (PDF) - DFROBOT

DFR1145 Datasheet PDF - DFROBOT
Part # DFR1145
Download  DFR1145 Download
File Size   312.35 Kbytes
Page   6 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Clock frequency up to 240MHz, with built-in 512KB SRAM and 4M Flash.

DFR1145 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1145 Datasheet PDF - DFROBOT

Part # DFR1145
Download  DFR1145 Click to download

File Size   312.35 Kbytes
Page   6 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Clock frequency up to 240MHz, with built-in 512KB SRAM and 4M Flash.

DFR1145 Datasheet (HTML) - DFROBOT


DFR1145 Product details

Features
•
Equipped with ESP32-S3-WROOM-1-N4 dual-core module, supporting AI acceleration.
•
Clock frequency up to 240MHz, with built-in 512KB SRAM and 4M Flash.
•
Supports dual-mode communication of Wi-Fi and Bluetooth 5 (LE).
•
Integrated power management, supporting lithium battery charging and hardware power on/off.
•
Onboard independent GDI display interface, enabling quick connection to display screens.
•
Supports various programming methods such as Arduino IDE, ESP-IDF, and MicroPython.
•
Compact design with small size, suitable for IoT and AIoT projects with limited space and embedded systems.




Similar Part No. - DFR1145

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1140 DFROBOT-DFR1140 Datasheet
259Kb / 6P
Equipped with ESP32-WROOM-32UE-N16R2 dual-core module
DFR1141 DFROBOT-DFR1141 Datasheet
459Kb / 5P
Expose of all pins of the LattePanda Mu compute module
DFR1142 DFROBOT-DFR1142 Datasheet
358Kb / 3P
2 x USB3.2 10Gbps, 2x USB 2.0
DFR1146 DFROBOT-DFR1146 Datasheet
5Mb / 8P
Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
DFR1147 DFROBOT-DFR1147 Datasheet
673Kb / 7P
Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
More results


Similar Description - DFR1145

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
Melody IC with Built-in SRAM
logo
Sharp Corporation
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
Stacked Chip 16M Flash Memory and 4M SRAM
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
Stacked Chip 32M Flash Memory and 4M SRAM
LRS1381 SHARP-LRS1381 Datasheet
4Mb / 114P
STACKED CHIP 32M FLASH AND 4M SRAM
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
Clock frequency up to 400MHz
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
Clock frequency up to 333MHz
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
Clock frequency up to 400MHz
logo
Cypress Semiconductor
MB90960 CYPRESS-MB90960 Datasheet
633Kb / 57P
Built-in PLL clock frequency multiplying circuit
logo
Murata Manufacturing Co...
MBN52832 MURATA-MBN52832 Datasheet
441Kb / 1P
Built-in ARM Cortex M4 core with 64KB RAM and 512KB flash
logo
STMicroelectronics
STM32F722IC STMICROELECTRONICS-STM32F722IC Datasheet
3Mb / 229P
Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
April 2020 Rev 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com