Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1141 Datasheet (PDF) - DFROBOT

DFR1141 Datasheet PDF - DFROBOT
Part # DFR1141
Download  DFR1141 Download
File Size   459.8 Kbytes
Page   5 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Expose of all pins of the LattePanda Mu compute module

DFR1141 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1141 Datasheet PDF - DFROBOT

Part # DFR1141
Download  DFR1141 Click to download

File Size   459.8 Kbytes
Page   5 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Expose of all pins of the LattePanda Mu compute module

DFR1141 Datasheet (HTML) - DFROBOT


DFR1141 Product details

FEATURES
• Expose of all pins of the LattePanda Mu compute module
• Rich interface: 2x HDMI 2.0 ports, 2x 2.5GbE ports, 4x USB 3.0 ports, etc.
• Extensive expansion slots: 1x PCIe x1 slot, 1x PCIe x4 slot, 2x M.2 slots,
etc., allowing for the expansion of various peripherals such as 4G/5G WWAN
cards, PCIe cards, and more.
• 12~20V wide voltage input
• ITX standard size




Similar Part No. - DFR1141

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1140 DFROBOT-DFR1140 Datasheet
259Kb / 6P
Equipped with ESP32-WROOM-32UE-N16R2 dual-core module
DFR1142 DFROBOT-DFR1142 Datasheet
358Kb / 3P
2 x USB3.2 10Gbps, 2x USB 2.0
DFR1145 DFROBOT-DFR1145 Datasheet
312Kb / 6P
Clock frequency up to 240MHz, with built-in 512KB SRAM and 4M Flash.
DFR1146 DFROBOT-DFR1146 Datasheet
5Mb / 8P
Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
DFR1147 DFROBOT-DFR1147 Datasheet
673Kb / 7P
Intel Processor N100 (Up to 3.4GHz, 4-core, 4-thread)
More results


Similar Description - DFR1141

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
COG-T240MCQ-01 VARITRONIX-COG-T240MCQ-01 Datasheet
249Kb / 1P
SPECIFICATION OF MODULE
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
Identification of the substance/mixture and of the company/undertaking
05-Sep-2011
logo
STMicroelectronics
AN432 STMICROELECTRONICS-AN432 Datasheet
393Kb / 12P
All members of the ST62 Series of Microcontrollers
Rev. 1.1
logo
Sparkle Power Inc.
FSP500-702UH-041610 SPI-FSP500-702UH-041610 Datasheet
240Kb / 1P
All the length of output wires exclude housing
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
The care, amount of use, and handling of the dies.
logo
NEC
E120F-M NEC-E120F-M Datasheet
1Mb / 2P
The scale-out compute server
logo
PHOENIX CONTACT
2838791 PHOENIX-2838791 Datasheet
64Kb / 5P
Protection of all eight signal wires of the data cable
2880150 PHOENIX-2880150 Datasheet
64Kb / 5P
Protection of all eight signal wires of the data cable
2880192 PHOENIX-2880192 Datasheet
48Kb / 3P
Protection of all eight signal wires of the data cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com