Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

974907 Datasheet (PDF) - KNIPEX

974907 Datasheet PDF - KNIPEX
Part # 974907
Download  974907 Download
File Size   124.08 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For heat shrinkable sleeve connectors

974907 Datasheet (PDF)

Go To PDF Page Download Datasheet
974907 Datasheet PDF - KNIPEX

Part # 974907
Download  974907 Click to download

File Size   124.08 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For heat shrinkable sleeve connectors

974907 Datasheet (HTML) - KNIPEX


974907 Product details

General
Article No. 97 49 07
EAN 4003773077749
Weight 40 g
Dimensions 32 x 12 mm
REACH compliant does not contain SVHC
RoHS compliant not applicable




Similar Part No. - 974907

ManufacturerPart #DatasheetDescription
logo
KNIPEX
974904 KNIPEX-974904 Datasheet
129Kb / 2P
Crimping die For non-insulated open plug-type connectors 2.8 4.8 mm
05.07.2021
974905 KNIPEX-974905 Datasheet
135Kb / 2P
Crimping die For non-insulated open plug-type connectors 4.8 6.3 mm
05.07.2021
974906 KNIPEX-974906 Datasheet
129Kb / 1P
Crimping die For insulated terminals plug connectors
05.07.2021
974906PI KNIPEX-974906PI Datasheet
106Kb / 1P
Mordaza intercambiable Para conectores PIDG aislados
05.07.2021
974908 KNIPEX-974908 Datasheet
145Kb / 1P
Crimping die For insulated and non-insulated wire ferrules
05.07.2021
More results


Similar Description - 974907

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
Heat Shrinkable Tubing
logo
TE Connectivity Ltd
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
Crimping Die Assemblies
408-4028 TEC-408-4028 Datasheet
267Kb / 4P
Crimping Die
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
Crimping Die Assemblies
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
Crimping Die Assemblies
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
Heat-Shrinkable Tubing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com