Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

974906 Datasheet (PDF) - KNIPEX

974906 Datasheet PDF - KNIPEX
Part # 974906
Download  974906 Download
File Size   129.83 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For insulated terminals plug connectors

974906 Datasheet (PDF)

Go To PDF Page Download Datasheet
974906 Datasheet PDF - KNIPEX

Part # 974906
Download  974906 Click to download

File Size   129.83 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For insulated terminals plug connectors

974906 Datasheet (HTML) - KNIPEX


974906 Product details

General
Article No. 97 49 06
EAN 4003773030836
Weight 45 g
Dimensions 50 x 10 mm
Reach no
RohS no




Similar Part No. - 974906

ManufacturerPart #DatasheetDescription
logo
KNIPEX
974906PI KNIPEX-974906PI Datasheet
106Kb / 1P
Mordaza intercambiable Para conectores PIDG aislados
05.07.2021
More results


Similar Description - 974906

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
Crimping Die Assemblies
408-4028 TEC-408-4028 Datasheet
267Kb / 4P
Crimping Die
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
Crimping Die Assemblies
logo
PHOENIX CONTACT
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
Crimping pliers for insulated cable lugs and connectors
logo
Molex Electronics Ltd.
0192940008 MOLEX-0192940008 Datasheet
88Kb / 12P
Manual tool for Crimping non-insulated 8AWG thru 4/0 Terminals
08/26/2022
logo
TE Connectivity Ltd
1-1773953-1 TEC-1-1773953-1 Datasheet
1Mb / 8P
CRIMPING TERMINALS
06/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com