Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

974908 Datasheet (PDF) - KNIPEX

974908 Datasheet PDF - KNIPEX
Part # 974908
Download  974908 Download
File Size   145.51 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For insulated and non-insulated wire ferrules

974908 Datasheet (PDF)

Go To PDF Page Download Datasheet
974908 Datasheet PDF - KNIPEX

Part # 974908
Download  974908 Click to download

File Size   145.51 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For insulated and non-insulated wire ferrules

974908 Datasheet (HTML) - KNIPEX


974908 Product details

General
Article No. 97 49 08
EAN 4003773030874
Weight 49 g
Dimensions 50 x 17 mm
Reach no
RohS no




Similar Part No. - 974908

ManufacturerPart #DatasheetDescription
logo
KNIPEX
974904 KNIPEX-974904 Datasheet
129Kb / 2P
Crimping die For non-insulated open plug-type connectors 2.8 4.8 mm
05.07.2021
974905 KNIPEX-974905 Datasheet
135Kb / 2P
Crimping die For non-insulated open plug-type connectors 4.8 6.3 mm
05.07.2021
974906 KNIPEX-974906 Datasheet
129Kb / 1P
Crimping die For insulated terminals plug connectors
05.07.2021
974906PI KNIPEX-974906PI Datasheet
106Kb / 1P
Mordaza intercambiable Para conectores PIDG aislados
05.07.2021
974907 KNIPEX-974907 Datasheet
124Kb / 1P
Crimping die For heat shrinkable sleeve connectors
29.05.2024
More results


Similar Description - 974908

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
logo
List of Unclassifed Man...
GWE6-12 ETC2-GWE6-12 Datasheet
123Kb / 1P
Ferrules INSULATED (INDUSTRIAL STANDARD)
TWE10-12 ETC2-TWE10-12 Datasheet
144Kb / 1P
Ferrules INSULATED (INDUSTRIAL STANDARD)
logo
PANDUIT CORP.
F82-12-M PANDUIT-F82-12-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
logo
PHOENIX CONTACT
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
Crimping pliers for insulated cable lugs and connectors
CRIMPFOX-UR-10 PHOENIX-CRIMPFOX-UR-10 Datasheet
73Kb / 2P
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
CRIMPFOX-ZA3-1 PHOENIX-CRIMPFOX-ZA3-1 Datasheet
99Kb / 3P
Crimping pliers for non-insulated slip-on connection sleeves 2.8 and 4.8 mm
CRIMPFOX-ZA-5 PHOENIX-CRIMPFOX-ZA-5 Datasheet
75Kb / 2P
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
logo
Weidmuller
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
logo
Molex Electronics Ltd.
0192940008 MOLEX-0192940008 Datasheet
88Kb / 12P
Manual tool for Crimping non-insulated 8AWG thru 4/0 Terminals
08/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com