Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

974904 Datasheet (PDF) - KNIPEX

974904 Datasheet PDF - KNIPEX
Part # 974904
Download  974904 Download
File Size   129.71 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For non-insulated open plug-type connectors 2.8 4.8 mm

974904 Datasheet (PDF)

Go To PDF Page Download Datasheet
974904 Datasheet PDF - KNIPEX

Part # 974904
Download  974904 Click to download

File Size   129.71 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For non-insulated open plug-type connectors 2.8 4.8 mm

974904 Datasheet (HTML) - KNIPEX


974904 Product details

General
Article No. 97 49 04
EAN 4003773030850
Weight 42 g
Dimensions 50 x 10 mm
Reach yes
RohS no




Similar Part No. - 974904

ManufacturerPart #DatasheetDescription
logo
KNIPEX
974905 KNIPEX-974905 Datasheet
135Kb / 2P
Crimping die For non-insulated open plug-type connectors 4.8 6.3 mm
05.07.2021
974906 KNIPEX-974906 Datasheet
129Kb / 1P
Crimping die For insulated terminals plug connectors
05.07.2021
974906PI KNIPEX-974906PI Datasheet
106Kb / 1P
Mordaza intercambiable Para conectores PIDG aislados
05.07.2021
974907 KNIPEX-974907 Datasheet
124Kb / 1P
Crimping die For heat shrinkable sleeve connectors
29.05.2024
974908 KNIPEX-974908 Datasheet
145Kb / 1P
Crimping die For insulated and non-insulated wire ferrules
05.07.2021
More results


Similar Description - 974904

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA028-048-36-17 TRANSCOM-TA028-048-36-17 Datasheet
17Kb / 1P
2.8 - 4.8 GHz 17 dBm Amplifier
logo
TE Connectivity Ltd
408-4028 TEC-408-4028 Datasheet
267Kb / 4P
Crimping Die
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
Crimping Die Assemblies
logo
PHOENIX CONTACT
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
Crimping pliers for insulated cable lugs and connectors
CRIMPFOX-LC-UC-1 PHOENIX-CRIMPFOX-LC-UC-1 Datasheet
51Kb / 2P
Crimp insert, for non-insulated slip-on connection sleeves, 2.8 - 4.8 mm (corresponds to 0.1 - 1.5 mm짼)
CRIMPFOX-UC-6-PLUS PHOENIX-CRIMPFOX-UC-6-PLUS Datasheet
74Kb / 2P
Crimping pliers with guide for non-insulated slip-on connection sleeves 4.8 - 6.3 and 9.5 mm
CRIMPFOX-UR-10 PHOENIX-CRIMPFOX-UR-10 Datasheet
73Kb / 2P
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
CRIMPFOX-ZA3-1 PHOENIX-CRIMPFOX-ZA3-1 Datasheet
99Kb / 3P
Crimping pliers for non-insulated slip-on connection sleeves 2.8 and 4.8 mm
CRIMPFOX-ZA-5 PHOENIX-CRIMPFOX-ZA-5 Datasheet
75Kb / 2P
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
logo
Molex Electronics Ltd.
0192940008 MOLEX-0192940008 Datasheet
88Kb / 12P
Manual tool for Crimping non-insulated 8AWG thru 4/0 Terminals
08/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com