Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB8043 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8043
Description  Four-Port USB 3.1 Gen1 Hub
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8043 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB8043 Datasheet HTML 1Page - Texas Instruments TUSB8043 Datasheet HTML 2Page - Texas Instruments TUSB8043 Datasheet HTML 3Page - Texas Instruments TUSB8043 Datasheet HTML 4Page - Texas Instruments TUSB8043 Datasheet HTML 5Page - Texas Instruments TUSB8043 Datasheet HTML 6Page - Texas Instruments TUSB8043 Datasheet HTML 7Page - Texas Instruments TUSB8043 Datasheet HTML 8Page - Texas Instruments TUSB8043 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
2
TUSB8043
SLLSEW4 – JUNE 2017
www.ti.com
Product Folder Links: TUSB8043
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (Continued) ........................................ 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 9
7.1
Absolute Maximum Ratings ..................................... 9
7.2
ESD Ratings.............................................................. 9
7.3
Recommended Operating Conditions ....................... 9
7.4
Thermal Information .................................................. 9
7.5
Electrical Characteristics, 3.3-V I/O ........................ 10
7.6
Timing Requirements, Power-Up ............................ 10
7.7
Hub Input Supply Current ....................................... 11
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 13
8.4
Device Functional Modes........................................ 20
8.5
Register Maps ......................................................... 23
9
Applications and Implementation ...................... 38
9.1
Application Information............................................ 38
9.2
Typical Application .................................................. 38
10
Power Supply Recommendations ..................... 47
10.1
TUSB8043 Power Supply ..................................... 47
10.2
Downstream Port Power ....................................... 47
10.3
Ground .................................................................. 47
11
Layout................................................................... 48
11.1
Layout Guidelines ................................................. 48
11.2
Layout Examples................................................... 49
12
Device and Documentation Support ................. 51
12.1
Receiving Notification of Documentation Updates 51
12.2
Community Resources.......................................... 51
12.3
Trademarks ........................................................... 51
12.4
Electrostatic Discharge Caution ............................ 51
12.5
Glossary ................................................................ 51
13
Mechanical, Packaging, and Orderable
Information ........................................................... 51
4 Revision History
DATE
REVISION
NOTES
June 2017
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com