Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 240 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 240 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 236Page - STMicroelectronics ST92T196 Datasheet HTML 237Page - STMicroelectronics ST92T196 Datasheet HTML 238Page - STMicroelectronics ST92T196 Datasheet HTML 239Page - STMicroelectronics ST92T196 Datasheet HTML 240Page - STMicroelectronics ST92T196 Datasheet HTML 241Page - STMicroelectronics ST92T196 Datasheet HTML 242Page - STMicroelectronics ST92T196 Datasheet HTML 243Page - STMicroelectronics ST92T196 Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 268 page
background image
240/268
ST92E196A/B & ST92T196A/B GENERAL DESCRIPTION
1.2 PIN DESCRIPTION
Figure 103. 56-Pin Package Pin-Out
Table 46. Power Supply Pins
Table 47. Primary Function Pins
156
29
28
VPP
TEST0
P5.2/SOUT0
P5.1/SIN0
P5.0/RESETI
RESET
P4.7/PWM7/EXTRG
P4.6/PWM6
P4.5/PWM5
P4.4/PWM4
P4.3
P4.2
P4.1/SDA4/TINB/PWM1
P4.0/SCL4/TOUTB/PWM0
OSCIN
VSS2
OSCOUT
P2.3/AIN3/VSO2/INT4
P2.2/AIN2/VSO1/INT3
P2.1/AIN1/INT6
P2.0/IR/INT7
HSYNC
VSYNC
FOSD
VDDA
FCPU
VSS1
VDD1
PWM2/P5.5
PWM3/P5.6
SCK/SCL1/INT2/P2.4
SDIO/SDA1P2.5
NMI/P2.6
PIXCLK/INT5/P2.7
AIN7/P0.7
AIN6/P0.6
AIN5/P0.5
AIN4/P0.4
AIN0/P0.3
P0.2
P0.1
P0.0
CCVIDEO1
VDD2
CCVIDEO2/P3.7
DSOUT1/SYNDET0/P3.6
TINA/SDA2/P3.5
INT1/TOUTA/SCL2/P3.4
DSOUT2/SYNDET1/P3.3
INT0/P3.2
SDA3/P3.1
TSLU/SCL3/P3.0
FB
B
G
R
Name
Function
VDD1
VDD2
Main Power Supply Voltage
(2 pins internally connected)
29
16
VSS1
VSS2
Analog and Digital Circuit Ground
(2 pins internally connected)
30
41
VDDA
Analog Circuit Supply Voltage
32
VPP
EPROM Programming Voltage. Must
be connected to VDD in normal operat-
ing mode.
56
Name
Function
OSCIN
Oscillator input
42
OSCOUT
Oscillator output
40
RESET
Reset to initialize the ST9
51
HSYNC
Video Horizontal Sync Input (Schmitt
trigger)
35
VSYNC
Video Vertical Sync input (Schmitt trig-
ger)
34
R
Red video analog DAC output
28
G
Green video analog DAC output
27
B
Blue video analog DAC output
26
FB
Fast Blanking analog DAC output
25
CCVIDEO1
Closed Caption Composite Video
input 1 (2V +/- 3 dB)
15
FCPU
CPU frequency multiplier filter output
31
FOSD
OSD frequency multiplier filter output
33
TEST0
Test input (must be tied to VDD)55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com