| Electronic Components Datasheet Search |
|
ST92T196 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92T196 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 268 page ![]() 30/268 DEVICE ARCHITECTURE SYSTEM REGISTERS (Cont’d) POINTER 0 REGISTER (RP0) R232 - Read/Write Register Group: E (System) Reset Value: xxxx xx00 (xxh) Bits 7:3 = RG[4:0]: Register Group number. These bits contain the number (in the range 0 to 31) of the register block specified in the srp0 or srp instructions. In single 16-register mode the number indicates the lower of the two 8-register blocks to which the 16 working registers are to be mapped, while in twin 8-register mode it indicates the 8-register block to which r0 to r7 are to be mapped. Bit 2 = RPS: Register Pointer Selector. This bit is set by the instructions srp0 and srp1 to indicate that the twin register pointing mode is se- lected. The bit is reset by the srp instruction to in- dicate that the single register pointing mode is se- lected. 0: Single register pointing mode 1: Twin register pointing mode Bits 1:0: Reserved. Forced by hardware to zero. POINTER 1 REGISTER (RP1) R233 - Read/Write Register Group: E (System) Reset Value: xxxx xx00 (xxh) This register is only used in the twin register point- ing mode. When using the single register pointing mode, or when using only one of the twin register groups, the RP1 register must be considered as RESERVED and may NOT be used as a general purpose register. Bits 7:3 = RG[4:0]: Register Group number. These bits contain the number (in the range 0 to 31) of the 8-register block specified in the srp1 in- struction, to which r8 to r15 are to be mapped. Bit 2 = RPS: Register Pointer Selector. This bit is set by the srp0 and srp1 instructions to indicate that the twin register pointing mode is se- lected. The bit is reset by the srp instruction to in- dicate that the single register pointing mode is se- lected. 0: Single register pointing mode 1: Twin register pointing mode Bits 1:0: Reserved. Forced by hardware to zero. 70 RG4 RG3 RG2 RG1 RG0 RPS 0 0 70 RG4 RG3 RG2 RG1 RG0 RPS 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |