Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 65Page - STMicroelectronics ST92T196 Datasheet HTML 66Page - STMicroelectronics ST92T196 Datasheet HTML 67Page - STMicroelectronics ST92T196 Datasheet HTML 68Page - STMicroelectronics ST92T196 Datasheet HTML 69Page - STMicroelectronics ST92T196 Datasheet HTML 70Page - STMicroelectronics ST92T196 Datasheet HTML 71Page - STMicroelectronics ST92T196 Datasheet HTML 72Page - STMicroelectronics ST92T196 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 268 page
background image
69/268
TIMING AND CLOCK CONTROLLER (TCC)
6.2 REGISTER DESCRIPTION
SKEW CLOCK CONTROL REGISTER (SKCCR)
R254 - Read/ Write
Register Page: 43
Reset value: 0000 0000 (00h)
The HALT mode forces the register to its initializa-
tion state.
Bit 7= SKWEN:
Frequency Multiplier Enable bit.
0: FM disabled (reset state), low-power consump-
tion mode.
1: FM is enabled providing clock to the Skew cor-
rector. The SKWEN bit must be set only after
programming the SKW(3-0) bits.
Bit 6 = SKDIV2:
Skew Divide-by-2 Enable bit.
0: Divide-by-2 disabled.
1: Divide-by-2 enabled.
This bit must be kept in reset state.
Bit 5:4 = Reserved. These bits are forced to 0 by
hardware.
Bit 3:0 = SKW:
Skew Counter.
These 4 bits program the down-counter inserted in
the feedback loop of the Frequency Multiplier
which generates the internal multiplied frequency
PIXCLK. The PIXCLK value is calculated as fol-
lows :
If FPIXC=0 :
F(PIXCLK)=Crystal frequency * [ (SKW(3:0)+1) ]/2
If FPIXC=1 :
F(PIXCLK)=Crystal frequency * [ (SKW(3:0)+1) ]
Note: To program the FPIXC bit, refer to the de-
scription of the OSDER register in the OSD chap-
ter.
MAIN CLOCK CONTROL REGISTER (MCCR)
R253 - Read/ Write
Register Page: 43
Reset value: 0000 0000 (00h)
The HALT mode forces the register to its initializa-
tion state.
Bit 7 = FMEN:
Frequency Multiplier Enable bit.
0: FM disabled (reset state), low-power consump-
tion mode.
1: FM is enabled, providing clock to the CPU. The
FMEN bit must be set only after programming
the FML(3:0) bits.
Bit 6= FMSL:
Frequency Multiplier Select bit.
This bit controls the choice of the ST9 core internal
frequency between the external crystal frequency
and the Main Clock issued by the frequency multi-
plier.
In order to secure the application, the ST9 core in-
ternal frequency is automatically switched back to
the external crystal frequency if the frequency mul-
tiplier is switched off (FMEN =0) regardless of the
value of the FMSL bit. Care must be taken to reset
the FMSL bit before any frequency multiplier can
restart (FMEN set back to 1).
After reset, the external crystal frequency is al-
ways sent to the ST9 Core.
Bit 5:4 = Reserved. These bits are forced to 0 by
hardware.
Bit 3:0 = FML:
FM Counter.
These 4 bits program the down-counter inserted in
the feed-back loop of the Frequency Multiplier
which generates the internal multiplied frequency
Fimf. The Fimf value is calculated as follows :
Fimf = Crystal frequency * [ (FML(3:0) + 1) ] /2
7
6
5
4
32
10
SKWEN SKDIV2
0
0
SKW3 SKW2 SKW1 SKW0
7
6
5
4
321
0
FMEN FMSL
0
0
FML3 FML2 FML1 FML0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com