Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 243 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 243 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 239Page - STMicroelectronics ST92T196 Datasheet HTML 240Page - STMicroelectronics ST92T196 Datasheet HTML 241Page - STMicroelectronics ST92T196 Datasheet HTML 242Page - STMicroelectronics ST92T196 Datasheet HTML 243Page - STMicroelectronics ST92T196 Datasheet HTML 244Page - STMicroelectronics ST92T196 Datasheet HTML 245Page - STMicroelectronics ST92T196 Datasheet HTML 246Page - STMicroelectronics ST92T196 Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 268 page
background image
243/268
ST92E196A/B & ST92T196A/B GENERAL DESCRIPTION
P3.6
All ports useable
for general pur-
pose I/O (input,
output or bidi-
rectional)
18
SYNDET0
I
Sync Error Detector Input 0
DSOUT1
O
Data Slicer Comparator Output 1
P3.7
17
CCVIDEO2
I
Closed Caption Composite Video input 1 (2V +/- 3 dB)
P4.0
43
SCL4
I/O I2C Channel 4 Serial Clock
TOUTB
O
MFT Timer output B
PWM0
O
PWM D/A Converter Output 0
P4.1
44
TINB
I
MFT Timer input B
SDA4
I/O I2C Channel 4 Serial Data
PWM1
O
PWM D/A Converter Output 1
P4.2
45
I/O
P4.3
46
I/O
P4.4
47
PWM4
O
PWM D/A Converter Output 4
P4.5
48
PWM5
O
PWM D/A Converter Output 5
P4.6
49
PWM6
O
PWM D/A Converter Output 6
P4.7
50
EXTRG
I
A/D Converter External Trigger Input
PWM7
O
PWM D/A Converter Output 7
P5.0
52
RESETI
O
Internal Delayed Reset Output
P5.1
53
SIN0
I
SCI Serial Comm. Interface Input
P5.2
54
SOUT0
O
SCI Serial Comm. Interface Output
P5.5
1
PWM2
O
PWM D/A Converter Output 2
P5.6
2
PWM3
O
PWM D/A Converter Output 3
Port
Name
General
Purpose I/O
Pin No.
Alternate Functions
SDIP56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com