Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 238 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 238 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 234Page - STMicroelectronics ST92T196 Datasheet HTML 235Page - STMicroelectronics ST92T196 Datasheet HTML 236Page - STMicroelectronics ST92T196 Datasheet HTML 237Page - STMicroelectronics ST92T196 Datasheet HTML 238Page - STMicroelectronics ST92T196 Datasheet HTML 239Page - STMicroelectronics ST92T196 Datasheet HTML 240Page - STMicroelectronics ST92T196 Datasheet HTML 241Page - STMicroelectronics ST92T196 Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 268 page
background image
238/268
ST92E196A/B & ST92T196A/B GENERAL DESCRIPTION
INTRODUCTION (Cont’d)
Figure 102. ST92E196A/B & ST92T196A/B Architectural Block Diagram
WATCHDOG
TIMER
256 bytes
Register File
3K or 4K RAM
ST9+ CORE
8/16 bits
CPU
DMA/Interrupt
Management
RCCU
CC
Data
Slicer 1
A/D Converter
CCVIDEO1
DSOUT1
SCI*
128K
EPROM/OTP
AIN[7:0]
EXTRG
SIN0
SOUT0
All alternate functions (
Italic characters) are mapped on Ports 0, 2, 3, 4, and 5
SDA[4:0]
SCL[4:0]
MF TIMER
OSCIN
OSCOUT
RESET
RESETI
4 CH. I2C BUS
P0[7:0]
P2[7:0]
P3[7:0]
P4[7:0]
P5[6:5,2:0]
TINA
TINB
TOUTA
TOUTB
INT[7:0]
NMI
Fully prog.
I/Os
SDIO
SCK
SPI
OSDRAM
Controller
384 bytes RAM
Infra-Red
Preprocessor
PWM
DAC
CC
Data
Slicer 2
Sync Error
Detector
OSD
Voltage
Synthesis
IR
PWM[7:0]
SYNDET0
SYNDET1
VSO1
VSO2
CCVIDEO2
DSOUT2
HSYNC
VSYNC
R/G/B/FB
TSLU
PIXCLK
FREQUENCY
MULTIPLIER
FCPU
FOSD
STIM
TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com