Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 161Page - STMicroelectronics ST92T196 Datasheet HTML 162Page - STMicroelectronics ST92T196 Datasheet HTML 163Page - STMicroelectronics ST92T196 Datasheet HTML 164Page - STMicroelectronics ST92T196 Datasheet HTML 165Page - STMicroelectronics ST92T196 Datasheet HTML 166Page - STMicroelectronics ST92T196 Datasheet HTML 167Page - STMicroelectronics ST92T196 Datasheet HTML 168Page - STMicroelectronics ST92T196 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 268 page
background image
165/268
- CLOSED CAPTION DATA SLICER (DS)
DATA SLICER (Cont’d)
DATA REGISTER 4 (DR4)
R243 - Read only
Register Page: 45
Reset Value: 0000 0000 (00h)
Bit 7:0 = D4[7:0]:
Fourth data byte for Gemstar,
second data byte for closed caption
CONTROL REGISTER 1 (CR1)
R244 - Read/Write
Register Page: 45
Reset Value: 0000 0000 (00h)
Bit 7 = STNDBY: Standby mode
This bit selects the standby mode (operation when
main power supplies have been turned off).
0: The horizontal deflection pulses (HPLS) are
used for synchronization
1: Horizontal synchronization pulses are internally
generated from the incoming video signal (verti-
cal synchronization signal for the Data Slicer is
always derived from incoming video).
Bit 6 = IRQ_INV:
Interrupt Signal Polarity.
This bit is set and cleared by software. It controls
the position of the data slicer’s interrupt signal to
the µP (CCIRQ) to be on the rising or falling edge
of the slicers interrupt signal (IRQ). Refer to Figure
68. It is used to setup the interrupt to occur at the
beginning of the specified line or at the end of the
line.
0: The interrupt request occurs at the end of the
specified line
1: The interrupt request occurs at the beginning of
the specified line.
Note: Data recovery from adjacent lines:
In situations where closed caption or Gemstar
data has to be recovered from adjacent lines, e.g.
from Line#20 and Line#21 in Field#1, it becomes
necessary to generate an interrupt both at the ris-
ing edge as well as at the falling edge of the IRQ
signal shown in Figure 68. The interrupt at the ris-
ing edge of IRQ for Line#20 is obtained by setting
the IRQ_INV bit and writing the LN[5:0] value for
Line#21 in the CR1 Register. Usually it will be too
late to write this value at the end of Line#20. After
the LN[5:0] value for Line#21 has been written, the
software must also clear the IRQ_INV bit before
exiting the interrupt routine. This will cause the
next interrupt to be generated at the falling edge of
IRQ which occurs at the end of Line#20. At this
time the character codes transmitted in Line#20
are available for reading.
Bit 5:0 = LN[5:0]:
Closed caption line selector.
The data slicer current half-line count is compared
with the LN[5:0] value; the half-line counter is re-
leased from the reset state when the first vertical
sync pulse is detected. With the NTSC standard,
to select line “N” the LN[5:0] value must be set to
LN[5:0] = [(2*N)-9] for Field#1, and [(2*N)-8] for
Field#2.
Examples: LN[5:0] = 33 (21hex) for Line#21 in
Field 1, LN[5:0] = 34 (22hex) for Line#21 in Field 2.
CONTROL REGISTER 2 (CR2)
R245 - Read/Write
Register Page: 45
Reset Value: 0000 0000 (00h)
Bit 7 = EDS:
Enable Data Slicer.
This bit is set and cleared by software.
0: Disable Data Slicer (analog part)
1: Enable Data Slicer
Bit 6 = IRFL:
Interrupt Flag.
This bit is set by hardware, when an interrupt re-
quest is issued. It must be cleared by software
when the corresponding interrupt service routine
has been finished. A ‘clear’ can be performed by
any write operation to this register.
0: No Data Slicer interrupt pending
1: Data Slicer interrupt pending
Bit 5 = CCID:
External Interrupt Source Selection.
This bit is set and cleared by software.
0: The interrupt request from the Data Slicer is for-
warded to the CPU
1: The interrupt from the external interrupt pin is
forwarded to the CPU.
70
D4.7 D4.6 D4.5 D4.4 D4.3 D4.2 D4.1 D4.0
70
STND
BY
IRQ_
INV
LN5 LN4
LN3 LN2
LN1 LN0
70
EDS IRFL CCID
SEA
RCH
SCG
_EN
PHD
2
PHD
1
PHD
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com