Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 164Page - STMicroelectronics ST92T196 Datasheet HTML 165Page - STMicroelectronics ST92T196 Datasheet HTML 166Page - STMicroelectronics ST92T196 Datasheet HTML 167Page - STMicroelectronics ST92T196 Datasheet HTML 168Page - STMicroelectronics ST92T196 Datasheet HTML 169Page - STMicroelectronics ST92T196 Datasheet HTML 170Page - STMicroelectronics ST92T196 Datasheet HTML 171Page - STMicroelectronics ST92T196 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 268 page
background image
168/268
- VIDEO SYNC ERROR DETECTOR (SYNCERR)
8.7 VIDEO SYNC ERROR DETECTOR (SYNCERR)
8.7.1 Functional Description
The Sync Error Detector provides information to
the tuning system whether an IF signal is a picture
carrier or not. The CSYNC source for the detector
is selected using the SYSEL[1:0] bits in the IRSCR
register: it is internally extracted fro CCVIDEO1
and 2 or directly taken from the SYNDET1 or
SYNDET0 pins.
The number of positive transitions of CSYNC in a
78µsec window is checked. One or two transitions
should occur in every window (horizontal sync
pulses occur at intervals of 63.5µs). An error coun-
ter is incremented at end of a window in case of
one or more of the following situations :
1.No low to high transitions of the signal were de-
tected within the 78µs wide window.
2.More than 2 low-to-high transitions were detect-
ed within the window.
3.More than 2 consecutive samples of CSYNC
taken at 8µs intervals within the window were high.
The errors are accumulated for a period of one
field as defined by two adjacent vertical deflection
pulses. Then the error count for the field is latched
into the SYNCER register and the VALID flag is
set.
The frequency of pulses applied to SYNDET0 or
SYNDET1 input not producing any errors is in the
range of 13KHz to 25Khz. The width of the pulses
applied to these inputs and not producing any er-
rors is less than 16us.
Inevitably, error counts are generated in the verti-
cal sync interval in presence of double frequency
equalization and wide sync pulses. With a stand-
ard video signal the typical error count is 5. The er-
ror count threshold for an acceptable video signal
can be set on basis of experimental results with a
typical value of about 30.
8.7.2 Register Description
SYNC ERROR REGISTER (SYNCER)
R249 - Read only, except bit 7
Register Page: 43
Reset Value: 0000 0000 (00h)
Bit 7 = VALID:
Data valid bit
This bit is set by hardware on the leading edge of a
vertical deflection pulse. It is cleared by software
Bit 6:0 = SD[6:0]: Sync error count
These bits are updated by hardware on the lead-
ing edge of a vertical deflection pulse.
IR/SYNC CONTROL REGISTER (IRSCR)
R250 - Read/Write
Register Page: 43
Reset Value: 0000 0000 (00h)
Bit 7:6 = Reserved. Forced by hardware to 0.
Bit 5, 0 = SYSEL[1:0]:
Sync error detector Input
selection
Bit 4:1 = Reserved (used for IR Preprocessor). Re-
fer to the IR Preprocessor chapter.
70
VALID SD6 SD5 SD4 SD3 SD2 SD1 SD0
70
0
0
SYSEL1
-
-
-
-
SYSEL0
SYSEL1 SYSEL0
00
CSYNC signal on SYNDET0
input
01
CSYNC signal on SYNDET1
input
10
CSYNC extracted from
CCVIDEO1
11
CSYNC extracted from
CCVIDEO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com