Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 158Page - STMicroelectronics ST92T196 Datasheet HTML 159Page - STMicroelectronics ST92T196 Datasheet HTML 160Page - STMicroelectronics ST92T196 Datasheet HTML 161Page - STMicroelectronics ST92T196 Datasheet HTML 162Page - STMicroelectronics ST92T196 Datasheet HTML 163Page - STMicroelectronics ST92T196 Datasheet HTML 164Page - STMicroelectronics ST92T196 Datasheet HTML 165Page - STMicroelectronics ST92T196 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 268 page
background image
162/268
- CLOSED CAPTION DATA SLICER (DS)
DATA SLICER (Cont’d)
Figure 68. Data Slicer Waveforms
32 data bits @ 993ns
16 data bits @ 2us
Clock run-in
Clock run-in
Frame code
Frame code
1
1
0
0
0
0
01
00
11 1
1 1
1
^
^
^
^
^^
^
^
^
^
CLOSED CAPTION
SIGNAL (DSOUT)
GEMSTAR
SIGNAL (DSOUT)
8µs
5µs
CLOCK RUN-IN
WINDOW
FRAME CODE
WINDOW
HORIZONTAL
SYNC (CSYNC)
INTERRUPT IRQ
Interrupt w/ IRQ_INV=1
Interrupt w/ IRQ_INV=0
CCIRQ for IRQ_INV=1
CCIRQ for IRQ_INV=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com