Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 155Page - STMicroelectronics ST92T196 Datasheet HTML 156Page - STMicroelectronics ST92T196 Datasheet HTML 157Page - STMicroelectronics ST92T196 Datasheet HTML 158Page - STMicroelectronics ST92T196 Datasheet HTML 159Page - STMicroelectronics ST92T196 Datasheet HTML 160Page - STMicroelectronics ST92T196 Datasheet HTML 161Page - STMicroelectronics ST92T196 Datasheet HTML 162Page - STMicroelectronics ST92T196 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 268 page
background image
159/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
Table 33. OSD Register Map
Register
Number
Page 42
Register
Name
76
5
4
32
10
246
OSDBCR2
B2BC
-
BOS2
BOS1
BOS0
BOR2
BOR1
BOR0
247
OSDBCR1
DIFB
-
BOG2
BOG1
BOG0
BOB2
BOB1
BOB0
248
OSDER
DION
OSDE
TE
DBLS
NIDS
TSLE
MOPE
FPIXC
249
OSDDR
PASW
HPOL
VPOL
FBPOL
VD3
VD2
VD1
VD0
250
OSDFBR
BUFL
VSY
HSY
VSDL
FIELD
DINT
MOIT
SL8
251
OSDSLR
SL7
SL6
SL5
SL4
SL3
SL2
SL1
SL0
252
OSDMR
ADMULT
ODEVN
-
-
-
LSM2
LSM1
LSM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com