Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 128Page - STMicroelectronics ST92T196 Datasheet HTML 129Page - STMicroelectronics ST92T196 Datasheet HTML 130Page - STMicroelectronics ST92T196 Datasheet HTML 131Page - STMicroelectronics ST92T196 Datasheet HTML 132Page - STMicroelectronics ST92T196 Datasheet HTML 133Page - STMicroelectronics ST92T196 Datasheet HTML 134Page - STMicroelectronics ST92T196 Datasheet HTML 135Page - STMicroelectronics ST92T196 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 268 page
background image
132/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.6.1 Underline Color Set 1 (USC1)
Address in Segment 22h: 04h (Bits 15:8), 05h (Bits 7:0)
To support “windows-like” button effects, the color
of the 2 (or 4 in 18x26 matrix) bottom dot lines of a
character row may be defined using the Underline
attributes. Two dedicated 2-byte words define 2
color sets, “Underline color set 1” called “UCS1”
and “Underline color set 2” called “UCS2”. They
are used by the Underline mode in addition to the
current foreground color.
This provides a four color choice for both rows 12
and 13 (9x13 character matrix) or pair of rows 23-
24 and 25-26 (18x26 character matrix): none
(background), foreground, UCS1 or UCS2, as
shown in Table 24.
The UCS1 data is mapped in a fixed OSDRAM lo-
cation (See Figure 59).
Bits 15:12 = Free for the user
Bits 11:9 = U1T[2:0]
Underline color set 1 Translu-
cency
These bits configure the background translucency
level applied to the color (refer to Section 8.5.3.11
for more details).
U1T[2:0] = 7 means that this color will be fully
opaque (no video mixed in it on the display)
U1T[2:0] = 0 means that this color will be fully
transparent (the video is displayed instead of this
color)
Bits 8:6 = U1R[2:0]
Underline color set 1 Red
color
These bits configure the background red intensity
for the color.
U1R[2:0] = 0 means that no red is used to define
the color.
U1R[2:0] = 7 means that the maximum red intensi-
ty is used in the color.
Bits 5:3 = U1G[2:0]
Underline color set 1 Green
color
These bits configure the background green inten-
sity for the color.
U1G[2:0] = 0 means that no green is used to de-
fine the color.
U1G[2:0] = 7 means that the maximum green in-
tensity is used in the color.
Bits 2:0 = U1B[2:0]
Underline color set 1 Blue
color
These bits configure the background blue intensity
for the color.
U1B[2:0] = 0 means that no blue is used to define
the color.
U1B[2:0] = 7 means that the maximum blue inten-
sity is used in the color.
15
8
7
0
U1T2
U1T1
U1T0
U1R2 U1R1
U1R0
U1G2
U1G1
U1G0
U1B2
U1B1
U1B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com