Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 124Page - STMicroelectronics ST92T196 Datasheet HTML 125Page - STMicroelectronics ST92T196 Datasheet HTML 126Page - STMicroelectronics ST92T196 Datasheet HTML 127Page - STMicroelectronics ST92T196 Datasheet HTML 128Page - STMicroelectronics ST92T196 Datasheet HTML 129Page - STMicroelectronics ST92T196 Datasheet HTML 130Page - STMicroelectronics ST92T196 Datasheet HTML 131Page - STMicroelectronics ST92T196 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 268 page
background image
128/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.5.5 Font ROM
To address the characters in Font ROM refer to
Figure 61. To obtain the character code, add the
line code to the column code.
Example 1: The code for the ‘A’ character is:
Example 2: The code for the ‘{’ character is:
Note: The first two 9x13 characters (addresses 00h and 01h) are the control characters. They cannot be
modified by the user.
Matrix
Line Code
+
Column Code
=
Character Code
9x13
00h
41h
41h
18x26
60h
01h
61h
Matrix
Line Code
+
Column Code
=
Character Code
9x13
82h
54h
D6h
18x26
80h
1Bh
9Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com