Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 129Page - STMicroelectronics ST92T196 Datasheet HTML 130Page - STMicroelectronics ST92T196 Datasheet HTML 131Page - STMicroelectronics ST92T196 Datasheet HTML 132Page - STMicroelectronics ST92T196 Datasheet HTML 133Page - STMicroelectronics ST92T196 Datasheet HTML 134Page - STMicroelectronics ST92T196 Datasheet HTML 135Page - STMicroelectronics ST92T196 Datasheet HTML 136Page - STMicroelectronics ST92T196 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 268 page
background image
133/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.6.2 Underline Color Set 2 (UCS2)
Address in Segment 22h: 06h (Bits 15:8), 07h (Bits 7:0)
Bits 15:12 = Free for the user
Bits 11:9 = U2T[2:0]
Underline color set 1 Translu-
cency
These bits configure the background translucency
level applied to the color (refer to Section 8.5.3.11
for more details).
U2T[2:0] = 7 means that this color will be fully
opaque (no video mixed in it on the display)
U2T[2:0] = 0 means that this color will be fully
transparent (the video is displayed instead of this
color)
Bits 8:6 = U2R[2:0]
Underline color set 1 Red
color
These bits configure the background red intensity
for the color.
U2R[2:0] = 0 means that no red is used to define
the color.
U2R[2:0] = 7 means that the maximum red intensi-
ty is used in the color.
Bits 5:3 = U2G[2:0]
Underline color set 1 Green
color
These bits configure the background green inten-
sity for the color.
U2G[2:0] = 0 means that no green is used to de-
fine the color.
U2G[2:0] = 7 means that the maximum green in-
tensity is used in the color.
Bits 2:0 = U2B[2:0]
Underline color set 1 Blue
color
These bits configure the background blue intensity
for the color.
U2B[2:0] = 0 means that no blue is used to define
the color.
U2B[2:0] = 7 means that the maximum blue inten-
sity is used in the color.
Warning: The UCS1 and UCS2 data may be used
as “row attributes” providing more than 3 underline
colors on screen. This requires taking some care
when their contents are modified.
The UCS1 and UCS2 contents are fetched for dis-
play only when dot lines 12/13 of the character are
being processed, but at that time (while dot lines
12 and 13 are processed) any change to UCS1 or
UCS2 is forbidden.
Software should change the UCS1 or UCS2 while
the display processes character dot lines 1 to 11. It
is recommended to associate the UCS1 or UCS2
management of the currently displayed buffer with
the routine which handles the next buffer prepara-
tion. Refer to Section 8.5.8.9.
15
8
7
0
-
-
-
-
U2T2
U2T1
U2T0
U2R2 U2R1
U2R0
U2G2
U2G1
U2G0
U2B2
U2B1
U2B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com