Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETE2004PAC Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETE2004PAC
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PAC Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETE2004PAC Datasheet HTML 11Page - Texas Instruments TNETE2004PAC Datasheet HTML 12Page - Texas Instruments TNETE2004PAC Datasheet HTML 13Page - Texas Instruments TNETE2004PAC Datasheet HTML 14Page - Texas Instruments TNETE2004PAC Datasheet HTML 15Page - Texas Instruments TNETE2004PAC Datasheet HTML 16Page - Texas Instruments TNETE2004PAC Datasheet HTML 17Page - Texas Instruments TNETE2004PAC Datasheet HTML 18Page - Texas Instruments TNETE2004PAC Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TNETE2004 registers
The TNETE2004 incorporates management-data interface to allow register-based management operations for
each PHY module. Normal operation of the TNETE2004 is possible without use of management-data interface
since all the essential signals for operation are accessible through the device pins; however, some additional
features are accessible only through the management-data interface. If management-data interface is not being
used, DEVSEL, MDCLK, and MDIO all can be tied low.
Some features are controllable by both pins and registers. A feature is controlled by the pin until a write operation
is performed on the register controlling the feature. From then until the device is reset, the value on the pin is
ignored.
The TNETE2004 registers are accessible through the Mll-management interface. The IEEE Std 802.3 Mll serial
protocol allows for up to 32 different PHYs, with up to 32 (16-bit-wide) internal registers in each device.
The TNETE2004 implements 11 registers (three of which are hardwired) on each PHY and three additional
overview registers that allow software drivers to access all four PHYs in a single operation. User programming
of the SNI is implemented through the pin-polarity register. These all-PHY registers are mapped into the
addressing space on PHY0.
Figure 3 shows the TNETE2004 device register map. The registers, shown shaded, are the generic registers
mandated by the Mll specification. The unshaded registers are TI-specific registers.
PHY Generic Control Register (see Figure 6, Table 3)
GEN_sts
QuadPHY_sts
QuadPHY_4ctl
QuadPHY_4sts
QuadPHY_4ctl2
QuadPHY_ppol
0x00
0x01
0x02
0x03
0x04
0x05
0x06
0x07
0x08 to 0x0f
0x10
0x11
0x12
0x13
0x14
0x15
0x16
Address
PHY Generic Status Register (see Figure 7, Table 4)
PHY Generic Identifier (high), hardwired 0x4000
PHY Generic Identifier (low), hardwired 0x5051
Auto-Negotiation Advertisement (see Figure 8, Table 5)
Auto-Negotiation Link-Partner Ability (see Figure 9, Table 6)
Auto-Negotiation Expansion (see Figure 10, Table 7)
Auto-Negotiation Next-Page Transmit (see Figure 11)
Reserved by IEEE Std 802.3
TNETE2004 Identification, Hardwired
TNETE2004 Control Register (see Figure 12, Table 8)
TNETE2004 Status Register (see Figure 13, Table 9)
TNETE2004 Nibble-Based Control Register, Overview (see Figure 14, Table 10)
TNETE2004 Nibble-Based Status Register, Overview (see Figure 15, Table 11)
TNETE2004 Nibble-Based Control Register 2, Overview (see Figure 16, Table 12)
TNETE2004 Pin-Polarity Register (see Figure 17, Table 13)
Register
AN_NEXTPAGE
Reserved
GEN_id_hi
GEN_id_lo
AN_far_end_ability
AN_exp
AN_advertisement
GEN_ctl
QuadPHY_ID
QuadPHY_ctl
GEN_sts
Figure 3. TNETE2004 Registers
The default or IDLE state of the two-wire Mll is a logic 1. All 3-state drivers are disabled, and the TNETE2004
pullup resistor pulls the MDIO line to a logic 1. Before initiating any other transaction, the station management
entity sends a sequence of 32 contiguous logic 1 bits on MDIO and 32 corresponding contiguous logic 1 bits
on MDCLK. This sequence provides the TNETE2004 with a pattern that it can use to establish synchronization.
The TNETE2004 responds to no other transactions until it recognizes a sequence of 32 contiguous logic 1 bits
on MDIO with 32 contiguous logic 1 bits on MDCLK.
Frame format of the generic registers is in accordance with Mll specifications as shown in Figures 4 and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com