Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETE2004PAC Datasheet(PDF) 23 Page - Texas Instruments

Part # TNETE2004PAC
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PAC Datasheet(HTML) 23 Page - Texas Instruments

Back Button TNETE2004PAC Datasheet HTML 19Page - Texas Instruments TNETE2004PAC Datasheet HTML 20Page - Texas Instruments TNETE2004PAC Datasheet HTML 21Page - Texas Instruments TNETE2004PAC Datasheet HTML 22Page - Texas Instruments TNETE2004PAC Datasheet HTML 23Page - Texas Instruments TNETE2004PAC Datasheet HTML 24Page - Texas Instruments TNETE2004PAC Datasheet HTML 25Page - Texas Instruments TNETE2004PAC Datasheet HTML 26Page - Texas Instruments TNETE2004PAC Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TNETE2004 status register – QuadPHY_sts at 0x12
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
M
I
N
T
P
H
O
K
P
O
L
O
K
RESERVED
Figure 13. TNETE2004 Status Register – QuadPHY_sts at 0x12
Table 9. TNETE2004 Status Register (QuadPHY_sts at 0x12) Bit Functions
BIT
FUNCTION
DIRECTION†
NO.
NAME
FUNCTION
DIRECTION†
15
MINT
MII interrupt. MINT indicates an MII-interrupt condition. The MII-interrupt request is activated (held)
until the register causing the interrupt is read. Writing a 0 to MINT has no effect. MINT is set to 1
when:
D PHOK is set to 1.
D LINK has changed since it was read last.
D RFLT is set to 1.
D JABBER is set to 1.
D POLOK is set to 1.
D PAGERX is set to 1.
D ACOMPLETE is set to 1.
RO
14
PHOK
Power high OK. PHOK indicates that the PHY reference oscillator has started up correctly.
PHY-sourced clocks (RXCLK and TXCLK) are not valid until PHOK is asserted. PHOK is common
to all PHYs.
RO
13
POLOK
Polarity OK. When POLOK is high (default), the 10BASE-T PHY is receiving valid (noninverted) link
pulses. If POLOK goes low, it indicates that a sequence of seven inverted link pulses has been
detected.
RO
12–0
RESERVED
Reserved. Read as 0
RO
† RO = read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com