| Electronic Components Datasheet Search |
|
TNETE2004PAC Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2004PAC Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 47 page ![]() TNETE2004 MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 autopolarity The TNETE2004 can sense and detect reversed polarity of its receiver inputs (e.g., due to incorrect cable wiring). If, at any time, seven consecutive inverted link pulses are detected, then reversed polarity is assumed and flagged by the POLOK bit in the TNETE2004_sts register (see Table 9). If automatic polarity correction is selected by the SWAPPOLEN bit in the TNETE2004_ctl register (see Table 8), the TNETE2004 swaps its RCVP and RCVN input for the affected PHY. Once a single correct link pulse is received, good polarity is assumed, and the POLOK bit is set. Automatic polarity correction is enabled by default after power on or reset. The polarity detect circuit must see link pulses to detect the polarity of the receive pair, so, in instances of high network activity where link pulses are sparse, there may be a slight delay before the correct polarity is established. compatibility modes To ease connection to third-party MACs, the TNETE2004 provides options to reverse the polarity of some device pins. The compatibility mode is selected by the CMODE0 and CMODE1 pins, as defined in Table 2. The TNETE2004 can be programmed through the MDIO to change the polarity of each SNI (like COL or RXCLK, etc.) signal. Refer to Table 13 for more details on this function. Table 2. Compatibility Mode Options CMODE PIN SIGNIFICANCE Mode 1: CMODE0 = Low CMODE1 = Low CRS high to indicate carrier detected COL high to indicate collision TXEN high to indicate valid data on TXD Data on RXD valid on rising edge of RXCLK Data on TXD valid on rising edge of TXCLK RXD high when no data is being received RXCLK is continuously running. Mode 2: CMODE0 = High CMODE1 = Low CRS low to indicate carrier detected COL low to indicate collision TXEN low to indicate valid data on TXD Data on RXD valid on falling edge of RXCLK Data on TXD valid on falling edge of TXCLK RXD high when no data is being received RXCLK runs for seven clocks after CRS is high, then it stays high. Mode 3: CMODE0 = Low CMODE1 = High CRS high to indicate carrier detected COL low to indicate collision TXEN high to indicate valid data on TXD Data on RXD valid on falling edge of RXCLK Data on TXD valid on falling edge of TXCLK RXD low when no data is being received RXCLK runs for seven clocks after CRS is low, then it stays high. Mode 4: CMODE0 = High CMODE1 = High CRS high to indicate carrier detected COL high to indicate collision TXEN high to indicate valid data on TXD Data on RXD valid on rising edge of RXCLK Data on TXD valid on rising edge of TXCLK RXD low when no data is being received RXCLK is continuously running. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |