Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETE2004PAC Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETE2004PAC
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PAC Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETE2004PAC Datasheet HTML 17Page - Texas Instruments TNETE2004PAC Datasheet HTML 18Page - Texas Instruments TNETE2004PAC Datasheet HTML 19Page - Texas Instruments TNETE2004PAC Datasheet HTML 20Page - Texas Instruments TNETE2004PAC Datasheet HTML 21Page - Texas Instruments TNETE2004PAC Datasheet HTML 22Page - Texas Instruments TNETE2004PAC Datasheet HTML 23Page - Texas Instruments TNETE2004PAC Datasheet HTML 24Page - Texas Instruments TNETE2004PAC Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
expansion register
Refer to Table 7 for the bit definition of the expansion register.
Table 7. Auto-Negotiation Expansion-Register Bit Functions
BIT
FUNCTION
DIRECTION†
NO.
NAME
FUNCTION
DIRECTION†
15–5
RESERVED
Reserved. Read as 0.
RO
4
PARDETFLT
Parallel detection fault. PARDETFLT indicates multiple links established. This is not supported
by this PHY; hence, PARDETFLT is always read as the inverse of LINK.
RO
3
LPNPABLE
Link-partner next-page able. LPNPABLE indicates that the link partner is next-page capable.
RO
2
NPABLE
Next-page able. This PHY is capable of exchanging next pages, so NPABLE is hardwired to 1.
RO
1
PAGERX
Page received. PAGERX is set after three identical and consecutive link code words have been
received from the link partner. PAGERX is cleared when the link-partner ability register is read.
RO
0
LPANABLE
Link-partner auto-negotiation able. LPANABLE is set to 1 when the PHY has received fast link
pulses from the link partner.
RO
† RO = read only
auto-negotiation next_page transmit register – AN_NEXTPAGE at 0x07
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
NEXTPAGE DATA
Figure 11. Auto-Negotiation Next_Page Transmit Register
When written to, this register sets the next page to be transmitted by way of auto-negotiation. Writing to this
register instructs the auto-negotiation system to transmit a next page.
TNETE2004 identification register, QUADB_ID at 0x10
This register is hardwired to the value 0x0005. Writing to this register has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com