Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS73233DBVT Datasheet HTML 1Page - Texas Instruments TPS73233DBVT Datasheet HTML 2Page - Texas Instruments TPS73233DBVT Datasheet HTML 3Page - Texas Instruments TPS73233DBVT Datasheet HTML 4Page - Texas Instruments TPS73233DBVT Datasheet HTML 5Page - Texas Instruments TPS73233DBVT Datasheet HTML 6Page - Texas Instruments TPS73233DBVT Datasheet HTML 7Page - Texas Instruments TPS73233DBVT Datasheet HTML 8Page - Texas Instruments TPS73233DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
TPS73201, TPS73215, TPS73216
TPS73218, TPS73225, TPS73230
TPS73233, TPS73250
SBVS037F – AUGUST 2003 – REVISED SEPTEMBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION
SPECIFIED
PACKAGE-LEAD
PACKAGE
ORDERING
PRODUCT
VOUT(1)
TEMPERATURE
TRANSPORT MEDIA,
(DESIGNATOR)(2)
MARKING
NUMBER
RANGE
QUANTITY
TPS73201DBVT
Tape and Reel, 250
SOT23-5 (DBV)
-40
°C to +125°C
PJEQ
TPS73201DBVR
Tape and Reel, 3000
Adjustable
TPS73201
or 1.2V(3)
TPS73201DCQT
Tube, 80
SOT223-5 (DCQ)
-40
°C to +125°C
PS73201
TPS73201DCQR
Tape and Reel, 2500
TPS73215DBVT
Tape and Reel, 250
SOT23-5 (DBV)
-40
°C to +125°C
T38
TPS73215DBVR
Tape and Reel, 3000
TPS73215
1.5V
TPS73215DCQT
Tube, 80
SOT223-5 (DCQ)
-40
°C to +125°C
PS73215
TPS73215DCQR
Tape and Reel, 2500
TPS73216DBVT
Tape and Reel, 250
TPS73216
1.6V
SOT23-5 (DBV)
-40
°C to +125°C
T50
TPS73216DBVR
Tape and Reel, 3000
TPS73218DBVT
Tape and Reel, 250
SOT23-5 (DBV)
-40
°C to +125°C
T37
TPS73218DBVR
Tape and Reel, 3000
TPS73218
1.8V
TPS73218DCQT
Tube, 80
SOT223-5 (DCQ)
-40
°C to +125°C
PS73218
TPS73218DCQR
Tape and Reel, 2500
TPS73225DBVT
Tape and Reel, 250
SOT23-5 (DBV)
-40
°C to +125°C
T36
TPS73225DBVR
Tape and Reel, 3000
TPS73225
2.5V
TPS73225DCQT
Tube, 80
SOT223-5 (DCQ)
-40
°C to +125°C
PS73225
TPS73225DCQR
Tape and Reel, 2500
TPS73230DBVT
Tape and Reel, 250
SOT23-5 (DBV)
-40
°C to +125°C
T39
TPS73230DBVR
Tape and Reel, 3000
TPS73230
3.0V
TPS73230DCQT
Tube, 80
SOT223-5 (DCQ)
-40
°C to +125°C
PS73230
TPS73230DCQR
Tape and Reel, 2500
TPS73233DBVT
Tape and Reel, 250
SOT23-5 (DBV)
-40
°C to +125°C
T40
TPS73233DBVR
Tape and Reel, 3000
TPS73233
3.3V
TPS73233DCQT
Tube, 80
SOT223-5 (DCQ)
-40
°C to +125°C
PS73233
TPS73233DCQR
Tape and Reel, 2500
TPS73250DBVT
Tape and Reel, 250
SOT23-5 (DBV)
-40
°C to +125°C
T41
TPS73250DBVR
Tape and Reel, 3000
TPS73250
5.0V
TPS73250DCQT
Tube, 80
SOT223-5 (DCQ)
-40
°C to +125°C
PS73250
TPS73250DCQR
Tape and Reel, 2500
(1)
Custom output voltages from 1.3V to 4V in 100mV increments are available on a quick-turn basis for prototyping. Production quantities
are available; minimum order quantities apply. Contact factory for details and availability.
(2)
For the most current specification and package information, refer to the Package Option Addendum located at the end of this datasheet.
(3)
For fixed 1.2V operation, tie FB to OUT.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com