Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS73233DBVT Datasheet HTML 10Page - Texas Instruments TPS73233DBVT Datasheet HTML 11Page - Texas Instruments TPS73233DBVT Datasheet HTML 12Page - Texas Instruments TPS73233DBVT Datasheet HTML 13Page - Texas Instruments TPS73233DBVT Datasheet HTML 14Page - Texas Instruments TPS73233DBVT Datasheet HTML 15Page - Texas Instruments TPS73233DBVT Datasheet HTML 16Page - Texas Instruments TPS73233DBVT Datasheet HTML 17Page - Texas Instruments TPS73233DBVT Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PACKAGING INFORMATION
ORDERABLE DEVICE
STATUS(1)
PACKAGE TYPE
PACKAGE DRAWING
PINS
PACKAGE QTY
TPS73201DBVR
ACTIVE
SOP
DBV
5
3000
TPS73201DBVT
ACTIVE
SOP
DBV
5
250
TPS73201DCQ
ACTIVE
SOP
DCQ
6
78
TPS73201DCQR
ACTIVE
SOP
DCQ
6
2500
TPS73215DBVR
ACTIVE
SOP
DBV
5
3000
TPS73215DBVT
ACTIVE
SOP
DBV
5
250
TPS73215DCQ
ACTIVE
SOP
DCQ
6
78
TPS73215DCQR
ACTIVE
SOP
DCQ
6
2500
TPS73216DBVR
ACTIVE
SOP
DBV
5
3000
TPS73216DBVT
ACTIVE
SOP
DBV
5
250
TPS73218DBVR
ACTIVE
SOP
DBV
5
3000
TPS73218DBVT
ACTIVE
SOP
DBV
5
250
TPS73218DCQ
ACTIVE
SOP
DCQ
6
78
TPS73218DCQR
ACTIVE
SOP
DCQ
6
2500
TPS73225DBVR
ACTIVE
SOP
DBV
5
3000
TPS73225DBVT
ACTIVE
SOP
DBV
5
250
TPS73225DCQ
ACTIVE
SOP
DCQ
6
78
TPS73225DCQR
ACTIVE
SOP
DCQ
6
2500
TPS73230DBVR
ACTIVE
SOP
DBV
5
3000
TPS73230DBVT
ACTIVE
SOP
DBV
5
250
TPS73230DCQ
ACTIVE
SOP
DCQ
6
78
TPS73230DCQR
ACTIVE
SOP
DCQ
6
2500
TPS73233DBVR
ACTIVE
SOP
DBV
5
3000
TPS73233DBVT
ACTIVE
SOP
DBV
5
250
TPS73233DCQ
ACTIVE
SOP
DCQ
6
78
TPS73233DCQR
ACTIVE
SOP
DCQ
6
2500
TPS73250DBVR
ACTIVE
SOP
DBV
5
3000
TPS73250DBVT
ACTIVE
SOP
DBV
5
250
TPS73250DCQ
ACTIVE
SOP
DCQ
6
78
TPS73250DCQR
ACTIVE
SOP
DCQ
6
2500
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
PACKAGE OPTION ADDENDUM
www.ti.com
30-Sep-2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com