Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVT
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS73233DBVT Datasheet HTML 10Page - Texas Instruments TPS73233DBVT Datasheet HTML 11Page - Texas Instruments TPS73233DBVT Datasheet HTML 12Page - Texas Instruments TPS73233DBVT Datasheet HTML 13Page - Texas Instruments TPS73233DBVT Datasheet HTML 14Page - Texas Instruments TPS73233DBVT Datasheet HTML 15Page - Texas Instruments TPS73233DBVT Datasheet HTML 16Page - Texas Instruments TPS73233DBVT Datasheet HTML 17Page - Texas Instruments TPS73233DBVT Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
dV dt
+
V
OUT
C
OUT
80kW ø (R1 ) R2)
(5)
REVERSE CURRENT
POWER DISSIPATION
THERMAL PROTECTION
P
D
+ (VIN * VOUT)
I
OUT
(6)
Package Mounting
TPS73201, TPS73215, TPS73216
TPS73218, TPS73225, TPS73230
TPS73233, TPS73250
SBVS037F – AUGUST 2003 – REVISED SEPTEMBER 2004
(Adjustable voltage version)
reliability, thermal protection should trigger at least
35
°C above the maximum expected ambient con-
dition of your application. This produces a worst-case
junction temperature of 125
°C at the highest ex-
pected ambient temperature and worst-case load.
The internal protection circuitry of the TPS732xx has
The NMOS pass element of the TPS732xx provides
been designed to protect against overload conditions.
inherent protection against current flow from the
It was not intended to replace proper heatsinking.
output of the regulator to the input when the gate of
Continuously running the TPS732xx into thermal
the pass device is pulled low. To ensure that all
shutdown will degrade device reliability.
charge is removed from the gate of the pass element,
the enable pin must be driven low before the input
voltage is removed. If this is not done, the pass
The ability to remove heat from the die is different for
element may be left on due to stored charge on the
each package type, presenting different consider-
gate.
ations in the PCB layout. The PCB area around the
After the enable pin is driven low, no bias voltage is
device that is free of other components moves the
needed on any pin for reverse current blocking. Note
heat from the device to the ambient air. Performance
that reverse current is specified as the current flowing
data for JEDEC low- and high-K boards are shown in
out of the IN pin due to voltage applied on the OUT
the Power Dissipation Ratings table. Using heavier
pin. There will be additional current flowing into the
copper will increase the effectiveness in removing
OUT pin due to the 80k
Ω internal resistor divider to
heat
from
the
device.
The
addition
of
plated
ground (see Figure 1 and Figure 2).
through-holes to heat-dissipating layers will also im-
prove the heat-sink effectiveness.
For the TPS73201, reverse current may flow when
VFB is more than 1.0V above VIN.
Power dissipation depends on input voltage and load
conditions. Power dissipation is equal to the product
of the output current times the voltage drop across
the output pass element (VIN to VOUT):
Thermal protection disables the output when the
junction temperature rises to approximately 160
°C,
allowing the device to cool. When the junction tem-
Power dissipation can be minimized by using the
perature cools to approximately 140
°C, the output
lowest possible input voltage necessary to assure the
circuitry is again enabled. Depending on power dissi-
required output voltage.
pation, thermal resistance, and ambient temperature,
the thermal protection circuit may cycle on and off.
This limits the dissipation of the regulator, protecting
it from damage due to overheating.
Solder
pad
footprint
recommendations
for
the
TPS732xx are presented in Application Bulletin
Any tendency to activate the thermal protection circuit
Solder Pad Recommendations for Surface-Mount De-
indicates excessive power dissipation or an inad-
vices (AB-132), available from the Texas Instruments
equate heatsink. For reliable operation, junction tem-
web site at www.ti.com.
perature should be limited to 125
°C maximum. To
estimate the margin of safety in a complete design
(including heatsink), increase the ambient tempera-
ture until the thermal protection is triggered; use
worst-case loads and signal conditions. For good
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com