| Electronic Components Datasheet Search |
|
STA310 Datasheet(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA310 Datasheet(HTML) 23 Page - STMicroelectronics |
|
23 / 90 page ![]() 23/90 STA310 ables to configure which channels to output on PCM data. This is done through the register PL_DWN. An auto-balance feature is available and activated through PL_AB register. The delay on surround channel is configurable thanks to the LSDLY register (while resetting the RSDLY register). The bass redirection is performed after the Pro Logic decode. The same bass redirection configuration than those available in non-Pro Logic modes can be used except that the surround channels will not be added to the bass redirection. In the case of AC-3 or MPEG the STA310 is therefore capable of first decoding the AC-3 or MPEG stream then performing the Pro Logic decode. 4.7.2 Others - Karaoke system - Bass Management + Volume Control -Deemphasis - DC Remove 4.8 How to choose a decoder To set up the device you have to select two registers. The first one is DECODESEL for Audio data type, The second one is STREAMSEL for Transport data type, The STREAMSEL can be set-up as follows: 0= PES 1= PES DVD Video 2= Packet MPEG1 3= Elementary stream or IEC.60958 4= reserved 5= IEC.61937 6= PES DVD Audio So the possible configurations on listed in the following table: Table 6. Possible configurations: STREAMSEL DECODESEL MODE 0 0 MPEG2 PES carrying Dolby Digital (ATSC) 0 1 MPEG2 PES carrying MPEG1 frames 0 2 MPEG2 PES carrying MPEG2 frames 1 0 MPEG2 PES carrying Dolby Digital frames for DVD Video 1 2 MPEG2 PES carrying MPEG2 frames for DVD Video 1 3 MPEG2 PES carrying Linear PCM frames for DVD Video 1 1 MPEG1 packet carrying MPEG1 frames 3 0 Dolby Digital frame elementary streams 3 1 MPEG1 frame elementary streams 3 2 MPEG2 frame elementary streams 3 3 Stereo PCM (16bits samples) 3 4 Pink Noise Generator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |