Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA310 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 12Page - STMicroelectronics STA310 Datasheet HTML 13Page - STMicroelectronics STA310 Datasheet HTML 14Page - STMicroelectronics STA310 Datasheet HTML 15Page - STMicroelectronics STA310 Datasheet HTML 16Page - STMicroelectronics STA310 Datasheet HTML 17Page - STMicroelectronics STA310 Datasheet HTML 18Page - STMicroelectronics STA310 Datasheet HTML 19Page - STMicroelectronics STA310 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
STA310
16/90
Table 4.
Figure 7.
Example 2: Only the first 2 bytes are transferred to the STA310 because the number of slots is 20 (16 + 4). SIN
and LRCLKIN are sampled on the falling edge of DSTR. The data is in delayed mode.
The register configuration is SIN_SETUP=3 and CAN_SETUP = DelayMode + LeftFirstChannel + FallingStrobe
+ AllSlot = 1 + 2 + 4 + 8 = 15.
This mode is a specific mode where only the first 16 data bits are transferred. The remaining bits are discarded.
The register configuration is SIN_SETUP = 3 and CAN_SETUP = DelayMode + FallingStrobe = 1 + 4 = 5.
4.4.1.3 SPDIF Input
A true SPDIF Input SPDIF (PCM audio samples) or IEC-61937 (compressed data) is selectable as a main serial
input.
4.4.1.4 Autodetected formats
The STA310 cut 2.0 is able the following audio format changes on the s/pdif input
Table 5. Audio Format detection
When Set
When Clear
Name
Bit 0
The input data is one slot delayed with
respect to LRCLKIN
The input data is not delayed
DelayMode
Bit 1
First channel when LRCLKIN is set
First channel when LRCLKIN is reset
LeftFirstChannel
Bit 2
Data are sampled on falling edge of
DSTR
Data are sampled on rising edge of
DSTR
FallingStrobe
Bit 3
All the bytes are extracted
Only the first 16 data bits are extracted
AllSlot
BEFORE
AFTER
AC3
PCM
AC3
MPEG
MPEG
AC3
MPEG
PCM
PCM
AC3
PCM
MPEG
LRCLKIN
DSTR
SIN
Transferred data
Discarded data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com