Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA310 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA310
Description  62-CH. MULTISTANDARD AUDIO DECODER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA310 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA310 Datasheet HTML 14Page - STMicroelectronics STA310 Datasheet HTML 15Page - STMicroelectronics STA310 Datasheet HTML 16Page - STMicroelectronics STA310 Datasheet HTML 17Page - STMicroelectronics STA310 Datasheet HTML 18Page - STMicroelectronics STA310 Datasheet HTML 19Page - STMicroelectronics STA310 Datasheet HTML 20Page - STMicroelectronics STA310 Datasheet HTML 21Page - STMicroelectronics STA310 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
STA310
18/90
Figure 9.
4.5 Streams parsers
The parsing stage is operated by two parts: the packet parser and the audio parser.
The packet parser unpacks stream, sorts packets and transmit data to the audio parser. The audio parser ver-
ifies the stream syntax, extracts non-audio data and sends audio data to the frame buffer.
Packet parser
Before unpacking packets and transmitting data, the packet parser needs to detect the packet start by recog-
nizing the packet synchronization word. It is possible to force the parser to search for two packet synchronization
words before starting to unpack and transmit.
This is done by setting the register PACKET_LOCK to 1. Otherwise, the packet parser will start handling the
stream once it has detected information matching the packet synchronization word.
The packet parser is also able to perform selective decoding: it can decode audio packets that are matching a
specified Id. This Id is specified in AUDIO_ID and AUDIO_ID_EXt registers, and the function is enabled by set-
ting the AUDIO_ID_EN register.
Audio parser
The audio parser needs to detect the audio synchronization word corresponding to the type of stream that must
be decoded. It is possible to force the audio parser to detect more than one synchronization word before pars-
ing.
This is done by setting the SYNC_LOCK register to a value between 1 and 3 - number of supplementary sync
words to detect before considering to be synchronized.
The status of synchronization of both parsers is provided in the register SYNC_STATUS. Each time the syn-
chronization status of one of the two parsers changes, the interrupt SYN is generated (if enabled) and the status
can be read in SYNC_STATUS.
4.6 Decoding modes
4.6.1 AC-3
The STA310 is Dolby Digital certified for class A products. The decoder must be programmed so to specify the
stream format as AC-3 encoded: register DECODESEL = 0.
In the sections below are provided the modes specific to the AC-3 decoding.
4.6.1.1 Compression modes
Four compression modes are provided in the STA310:
LRCLKIN
DSTR
SIN
Transferred data
Discarded data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com