| Electronic Components Datasheet Search |
|
STA310 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA310 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 90 page ![]() STA310 20/90 4.6.1.3 Dual Mode The Dual Mode corresponds to a mode where two completely independent mono program channels (e.g. bilin- gual) are encoded in the bitstream, referenced to as channel 1 and channel 2. The possible ways to output channels on left/right outputs are: - Output channel 1 on both L/R outputs, - Output channel 2 on both L/R outputs, - Mix channels 1 and 2 to monophonic and output on both L/R, - Output channel 1 on Left output, and channel 2 on Right output. This channels downmix is specified in the register DUALMODE. 4.6.2 MPEG The STA310 is able to decode MPEG-1 layerI and layerII encoded data, as well as MPEG-2 layer I, layer II data without extension (i.e. 2-channel streams). The MPEG input format should be specified in the DECODESEL register: - DECODESEL=1 for MPEG1. The MC bit in MC_OFF register should be set. - DECODESEL=2 for MPEG2. The MC bit in MC_OFF register should be set. 4.6.3 MP3 The STA310 is able to decoder MPEG2 layer III (MP3) data. The MP3 input format aboved be specified in the DECODESEL register: - DECODESEL=9 for MP3. 4.6.3.1 Dual Mode The Dual Mode corresponds to a mode where two completely independent mono program channels (e.g. bilin- gual) are encoded in the 2-channel incoming bitstream, referenced to as channel 1 and channel 2. The audio decoder allows to: - Output channel 1 on both L/R outputs, - Output channel 2 on both L/R outputs, - Mix channels 1 and 2 to monophonic and output on both L/R, - Output channel 1 on Left output, and channel 2 on Right output. The output configuration is chosen by special downmix for dual mode through register MPEG_DUAL. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |