| Electronic Components Datasheet Search |
|
ADP1055ACPZ-R7 Datasheet(PDF) 119 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1055ACPZ-R7 Datasheet(HTML) 119 Page - Analog Devices |
|
119 / 140 page ![]() Data Sheet ADP1055 Rev. A | Page 119 of 140 Table 207. Register 0xFE5F—SR_SETTING Bits Bit Name R/W Description [7:4] SR phase-in speed R/W SR edges move by 5 ns every 1/2/4/8/16/32/64/128/256/384/512/640/768/832/960/1024 (total of 16). SR outputs are always phased in during soft start, soft stop, and all mode transitions; for example, if SR outputs enter pulse skip or are disabled, they turn on again at the phase-in speed selected by these bits. Bit 7 Bit 6 Bit 5 Bit 4 Multiplier 0 0 0 0 1 0 0 0 1 2 0 0 1 0 4 0 0 1 1 8 0 1 0 0 16 0 1 0 1 32 0 1 1 0 64 0 1 1 1 128 1 0 0 0 256 1 0 0 1 384 1 0 1 0 512 1 0 1 1 640 1 1 0 0 768 1 1 0 1 832 1 1 1 0 960 1 1 1 1 1024 [3:1] SR LLM threshold R/W These bits set the load current limit on the CS2 ADC below which SR1 and SR2 enter the light load mode (SR on during forward conduction only). Averaging time, debounce, and hysteresis are the same values set in Register 0xFE4B. Bit 3 Bit 2 Bit 1 Thresholds (LSBs) 0 0 0 0 0 0 1 4 0 1 0 8 0 1 1 12 1 0 0 16 1 0 1 20 1 1 0 24 1 1 1 28 0 Blank SR during soft start R/W 1 = blank SR during soft start. Table 208. Register 0xFE60—NOMINAL_TEMP_POLE Bits Bit Name R/W Description [7:0] ADD_PZ R/W Additional pole/zero setting. A value of 0 disables ADD_PZ. The analog frequency (in rad/sec) is located at w = ln(reg_val/256)/tSW, where tSW is the switching period and reg_val is the contents of Register 0xFE60 and Register 0xFE61 in decimal format. Table 209. Register 0xFE61—LOW_TEMP_POLE Bits Bit Name R/W Description [7:0] ADD_PZ R/W Additional pole/zero setting. A value of 0 disables ADD_PZ. The analog pole frequency in rad/sec is located at w = ln(0xFE61[7:0]/256)/tSW, where tSW is the switching period. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |