Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1055ACPZ-R7 Datasheet(PDF) 85 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 85 of 140
READ_BLACKBOX_CURR
Table 123. Register 0xF2—READ_BLACKBOX_CURR
Bits
Bit Name
R/W
Description
VAR
Block read
This command returns the data for the current record N (last record saved in the black box). For
information about the contents of the black box record, see the Black Box Contents section.
READ_BLACKBOX_PREV
Table 124. Register 0xF3—READ_BLACKBOX_PREV
Bits
Bit Name
R/W
Description
VAR
Block read
This command returns the data for the previous record N − 1 (next-to-last record saved in the black
box). For information about the contents of the black box record, see the Black Box Contents section.
CMD_MASK
The CMD_MASK command allows any PMBus command to be masked in the ADP1055. If the command is masked, a read or a write to
that command results in a no acknowledge (NACK). The STORE_USER_ALL (Register 0x15) and RESTORE_USER_ALL (Register 0x16)
commands are not maskable.
Table 125. Register 0xF4—CMD_MASK
Bits
Bit Name
R/W
Description
VAR
Command
masking
Block
read/write
This command can be used to disable (mask) any of the standard PMBus commands (Command 0x01
to Command 0xFF). To use this command, the correct key code must be written.
Block count = 0x20 (32 bytes)
Mask[255:0] = Masking status bits.
[0] = Command 0x00.
…
[255] = Command 0xFF.
EXTCMD_MASK
The EXTCMD_MASK command allows any manufacturer specific command to be masked in the ADP1055. If the command is masked,
a read or a write to that command results in a no acknowledge (NACK).
Table 126. Register 0xF5—EXTCMD_MASK
Bits
Bit Name
R/W
Description
VAR
Command
masking
Block
read/write
This command can be used to disable (mask) any of the manufacturer specific PMBus commands
(Command 0xFE00 to Command 0xFEA3). To use this command, the correct key code must be written.
Block count = 0x15 (21 bytes)
Mask[167:0] = Masking status bits.
[0] = Command 0xFE00.
…
[167] = Command 0xFEA7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com