Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1055ACPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 62 of 140
STANDARD PMBUS COMMAND DESCRIPTIONS
STANDARD PMBUS COMMANDS
OPERATION
The OPERATION command, in conjunction with the CTRL pin, is used to turn the device on and off. Illegal values are 11xxxxxx.
Table 14. Register 0x01—OPERATION
Bits
Bit Name
R/W
Description
[7:6]
Enable
R/W
These bits determine the device response to the OPERATION command.
00 = immediate off (no sequencing).
01 = soft off (power down according to the programmed TOFF_DELAY and TOFF_FALL).
10 = device on.
11 = reserved.
[5:0]
Reserved
R
Reserved.
ON_OFF_CONFIG
The ON_OFF_CONFIG command configures the combination of the CTRL pin input and the OPERATION command needed to turn
the device on and off, including how the device responds when power is applied. Illegal values are xxx100xx.
Table 15. Register 0x02—ON_OFF_CONFIG
Bits
Bit Name
R/W
Description
[7:5]
Reserved
R
Reserved.
4
Power-up control
R/W
Sets the device power-up response.
0 = device powers up when power is present.
1 = device powers up only when commanded by the CTRL pin and the OPERATION command.
3
Command
enable
R/W
Controls how the device responds to the OPERATION command.
0 = ignores OPERATION command.
1 = the OPERATION command must be set to 1 to enable the device (in addition to setting Bit 2).
2
Pin enable
R/W
Controls how the device responds to the value of the CTRL pin.
0 = ignores the CTRL pin.
1 = CTRL pin must be asserted to enable the device (in addition to setting Bit 3).
1
CTRL pin polarity
R/W
Sets the polarity of the CTRL pin.
0 = active low.
1 = active high.
0
CTRL pin power-
down action
R/W
Actions to take on power-down when power-down is activated by the CTRL pin.
0 = uses the TOFF_DELAY and TOFF_FALL values to stop the transfer of energy to the output.
1 = turns off the output and stops energy transfer to the output as quickly as possible.
CLEAR_FAULTS
The CLEAR_FAULTS command is a send byte, no data. This command clears all fault bits in all PMBus status registers simultaneously.
Table 16. Register 0x03—CLEAR_FAULTS
Bits
Bit Name
Type
Description
N/A
CLEAR_FAULTS
Send
Clears all bits in the PMBus status registers (Register 0x78 to Register 0x7E) simultaneously.
WRITE_PROTECT
The WRITE_PROTECT command is used to protect the PMBus device against accidental writes. Reads to the device are allowed
regardless of the setting of this command.
Table 17. Register 0x10—WRITE_PROTECT
Bits
Bit Name
R/W
Description
7
Write Protect 1
R/W
Setting this bit disables writes to all commands except WRITE_PROTECT.
6
Write Protect 2
R/W
Setting this bit disables writes to all commands except WRITE_PROTECT, OPERATION, and PAGE.
5
Write Protect 3
R/W
Setting this bit disables writes to all commands except WRITE_PROTECT, OPERATION, PAGE,
ON_OFF_CONFIG, and VOUT_COMMAND.
[4:0]
Reserved
R
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com