Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1055ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 47 of 140
PMBUS DIGITAL COMMUNICATION
The PMBus slave with PEC allows a device to interface to a
PMBus compliant master device, as specified by the PMBus
Power System Management Protocol Specification (Revision 1.2,
September 6, 2010). The PMBus slave is a 2-wire interface that
can be used to communicate with other PMBus compliant
devices and is compatible in a multimaster, multislave bus
configuration. The PMBus slave can communicate with master
PMBus devices that support packet error checking (PEC), as
well as with master devices that do not support PEC.
FEATURES
The function of the PMBus slave is to decode the command
sent from the master device and respond as requested.
Communication is established using an I2C-like 2-wire interface
with a clock line (SCL) and data line (SDA). The PMBus slave is
designed to externally move chunks of 8-bit data (bytes) while
maintaining compliance with the PMBus protocol. The PMBus
protocol is based on the SMBus Specification (Version 2.0,
August 2000). The SMBus specification is, in turn, based on the
Philips I2C Bus Specification (Version 2.1, January 2000). The
PMBus incorporates the following features:
Slave operation on multiple device systems
7-bit addressing
100 kbits/sec and 400 kbits/sec data rates
Packet error checking
Support for the Group Command Protocol
Support for the Alert Response Address Protocol with
arbitration
General call address support
Support for clock low extension (clock stretching)
Separate multiple byte receive and transmit FIFO
Extensive fault monitoring
OVERVIEW
The PMBus slave module is a 2-wire interface that can be used
to communicate with other PMBus compliant devices. Its transfer
protocol is based on the Philips I2C transfer mechanism. The
ADP1055 is always configured as a slave device in the overall
system. The ADP1055 communicates with the master device
using one data pin (SDA) and one clock pin (SCL). Because the
ADP1055 is a slave device, it cannot generate the clock signal.
However, it is capable of clock-stretching the SCL line to put the
master device in a wait state when it is not ready to respond to
the master’s request.
Communication is initiated when the master device sends a
command to the PMBus slave device. Commands can be read
or write commands, in which case data is transferred between
the devices in a byte wide format. Commands can also be send
commands, in which case the command is executed by the slave
device upon receiving the stop bit. The stop bit is the last bit in a
complete data transfer, as defined in the PMBus/SMBus/I2C
communication protocol. During communication, the master
and slave devices send acknowledge or no acknowledge bits as a
method of handshaking between devices.
In addition, the PMBus slave on the ADP1055 supports packet
error checking (PEC) to improve reliability and communication
robustness. The ADP1055 can communicate with master PMBus
devices that support PEC, as well as with master devices that do
not support PEC. See the SMBus specification for a more detailed
description of the communication protocol.
When communicating with the master device, it is possible for
illegal or corrupted data to be received by the PMBus slave device.
In this case, the PMBus slave device should respond to the
invalid command or data, as defined by the PMBus specification,
and indicate to the master device that an error or fault condition
has occurred. This method of handshaking can be used as a first
level of defense against inadvertent programming of the slave
device that can potentially damage the chip or system.
The PMBus specification defines a set of generic PMBus
commands that is recommended for a power management
system. However, each PMBus device manufacturer can choose
to implement and support certain commands as it deems fit for
its system. In addition, the PMBus device manufacturer can
choose to implement manufacturer-specific commands whose
functions are not included in the generic PMBus command set.
The list of standard PMBus and manufacturer-specific commands
can be found in the Standard PMBus Commands Supported by
the ADP1055 section and Manufacturer Specific Commands
section.
TRANSFER PROTOCOL
The PMBus slave follows the transfer protocol of the SMBus
Specification (Version 2.0), which is based on the fundamental
transfer protocol format of the Philips I2C Bus Specification
(Version 2.1). Data transfers are byte wide, lower byte first. Each
byte is transmitted serially, most significant bit (MSB) first.
Figure 69 shows a basic transfer.
Figure 69. Basic Data Transfer
For an in-depth discussion of the transfer protocols, see the
SMBus and I2C specifications.
S
7-BIT
ADDRESS
R/W
A
A...
P
8-BIT DATA
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com