Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1055ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 45 of 140
BLACK BOX READBACK
Two dedicated commands can be used to read back the contents
of the black box data stored in the EEPROM. The READ_
BLACKBOX_CURR command (Register 0xF2) is a block read
command that returns the current record N (last record saved)
with all related data, as defined in the Black Box Contents section.
The READ_BLACKBOX_PREV command (Register 0xF3) is a
block read command that returns the data for the previous record
N − 1 (next-to-last record saved). Because these commands are
block read commands, the first byte received is called the
BYTE_COUNT and indicates to the PMBus master how many
more bytes to read. In the ADP1055, BYTE_COUNT = 36.
For information about how to read from the EEPROM directly
using these commands, see the Read Operation (Byte Read and
Block Read) section. It is recommended that the GUI be used to
read back the contents of the black box; the black box data is
readily available in the GUI, which displays the data in a graphical
format.
BLACK BOX POWER SEQUENCING
When the ADP1055 is powered up, the contents of the user
settings in the EEPROM are downloaded into the internal
registers. Immediately after this, the contents of the black box
data (that is, Page 2 and Page 3) are read from the EEPROM by
the device to determine the last valid Rec_No saved and to
determine whether a page erase operation is required before
starting up the device in normal mode.
If the highest Rec_No is located on the last record of either page
(that is, the next record to store data is at the start of the other
page) and the other page has not been erased, the ADP1055
automatically initiates a page erase to the other page to prepare
it for further black box recording. The ADP1055 performs a
soft start sequence only after the page erase is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com