Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99CL01XP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99CL01XP
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99CL01XP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99CL01XP Datasheet HTML 14Page - STMicroelectronics L99CL01XP Datasheet HTML 15Page - STMicroelectronics L99CL01XP Datasheet HTML 16Page - STMicroelectronics L99CL01XP Datasheet HTML 17Page - STMicroelectronics L99CL01XP Datasheet HTML 18Page - STMicroelectronics L99CL01XP Datasheet HTML 19Page - STMicroelectronics L99CL01XP Datasheet HTML 20Page - STMicroelectronics L99CL01XP Datasheet HTML 21Page - STMicroelectronics L99CL01XP Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
19
SPECIAL DEVICES – INTEGRATED SOLENOID DRIVER - INJECTION GAS SYSTEM
Part number
Package
Operating range
V
CC (V)
Max supply
voltage V
CC (V)
Max on-state resistance R
DS(on) (mΩ)
Ipeak (A)
Clamp voltage
(min) (V)
Description
Excitation path
Recirculation path
L99SD01-E
PowerSSO‑36
6 to 28
40
60
60
14
44
Current‑sense amplifier with internal sense resistor
Ignition drivers
Part number
Package
Technology
High voltage
clamp (V
CL)
typ (V)
Current
limitation (I
lim)
max (A)
Power stage
saturation voltage
(V
CE SAT)
Supply voltage
(V
CC) min (V)
Supply voltage
(V
CC) max (V)
Supply current
on state (I
CC)
max (mA)
Description
(@ 6 A)
max (V)
(@ 15 A)
max (V)
VB525SP-E
PowerSO‑10
M1
380
11
2
4.5
5.5
40
Quasi proportional current driving
Current flag
VB526SP-E
PowerSO‑10
M1
360
11
2
4.5
5.5
40
Quasi proportional current driving
Current flag
VBG08H-E
OCTAPAK
BCD5S + IGBT
360
10.5
1.8 @
6.5 A
6
28
‑
Slow turn‑on
Soft shutdown
Coil current limiter
Current flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com