Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99CL01XP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99CL01XP
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99CL01XP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99CL01XP Datasheet HTML 13Page - STMicroelectronics L99CL01XP Datasheet HTML 14Page - STMicroelectronics L99CL01XP Datasheet HTML 15Page - STMicroelectronics L99CL01XP Datasheet HTML 16Page - STMicroelectronics L99CL01XP Datasheet HTML 17Page - STMicroelectronics L99CL01XP Datasheet HTML 18Page - STMicroelectronics L99CL01XP Datasheet HTML 19Page - STMicroelectronics L99CL01XP Datasheet HTML 20Page - STMicroelectronics L99CL01XP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
16
Motor drivers
Part number
Package
Technology
Output mode
Max on-state
resistance
R
DS(on) max (mΩ)
Current
limitation
(I
lim) typ (A)
Supply voltage (V
CC)
Absolute
max supply
voltage (V)
Highlights
min (V)
max (V)
L9997ND
SO‑20
BCD
2 half bridge
700
1.6
7
16.5
26
Short‑circuit and over‑temperature protected
L99ASC03
TQFP‑48 ExPad
BCD6
3x half‑bridges
driver
6
28
40
3 half‑bridges driver to control external MOSFET
5 V voltage regulator (200 mA continuous)
Watchdog and fail‑safe functionality
PWM up to 80 kHz
Configurable current sense amplifier
Advanced BEMF detection IP
Programmable overcurrent protection
Drain‑source monitoring and openload detection
L99H01XP
PowerSSO‑36
BCD5
H‑bridge
280
6
28
35
Programmable free wheeling
Current‑sense amplifier/free configuration
Sensing circuitry of external MOSFET with embedded thermal
sensor
L99H01QF
LQFP‑32
BCD5
H‑bridge
280
6
28
35
Programmable free wheeling
Current‑sense amplifier/free configuration
Sensing circuitry of external MOSFET with embedded thermal
sensor
L99MD01XP
PowerSSO‑36
BCD5
Half bridge
1600
1.1
6
28
40
Optimized for H‑VAC flaps
DC‑stepper motor driver
8 H‑bridge driver
Intrinsic DC‑DC step‑up converter
2 current monitor outputs
All outputs short‑circuit protected
L99MD02XP
PowerSSO‑36
BCD5
Half bridge
1600
1.1
6
28
40
Optimized for H‑VAC flaps
DC‑motor driver
6 H‑bridge driver
2 current monitor outputs
All outputs short‑circuit protected
VN5770AKP-E
SO‑28
M0‑5, M0‑3 2 HSD and 2 LSD
280
8.5
4.5
36
41
Active power limitation (patent IP) on high side
Thermal shutdown
VN5772AK-E
SO‑28
M0‑5
2 HSD and 2 LSD
100
18
4.5
36
41
Active power limitation (patent IP) on both high and low side
Thermal shutdown
VN770KP-E
SO‑28
M0‑3
2 HSD and 2 LSD
225
9
5.5
36
41
Short‑circuit and over‑temperature protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com