Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99CL01XP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99CL01XP
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99CL01XP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99CL01XP Datasheet HTML 10Page - STMicroelectronics L99CL01XP Datasheet HTML 11Page - STMicroelectronics L99CL01XP Datasheet HTML 12Page - STMicroelectronics L99CL01XP Datasheet HTML 13Page - STMicroelectronics L99CL01XP Datasheet HTML 14Page - STMicroelectronics L99CL01XP Datasheet HTML 15Page - STMicroelectronics L99CL01XP Datasheet HTML 16Page - STMicroelectronics L99CL01XP Datasheet HTML 17Page - STMicroelectronics L99CL01XP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
13
Part number
Package
Driver stages
Max
on-state
resistance
R
DS(on) (mΩ)
Current
limitation
I
lim (A)
Operating
range Vs
(V)
PWM
control
Short-
circuit
protection
Current
sense
Thermal
shutdown
Reverse
battery
protection
Diagnostics
and
programming
EC control LED
mode
H-bridge
control
Description
L99DZ70XP
PowerSSO‑36
1 full bridge
150
6
7 to 28
•
•
•
•
•
SPI
6‑bit
resolution
1.2 V/1.5 V
4x
High‑end front‑door
module compatible
with bulbs/LEDs.
Control circuitry
for electrochromic
mirror glass.
2 half bridges
300
3
2 half bridges
1600
0.75
1 high‑side switch
90
6
2 configurable
high‑side switches 500/1800
1.5/0.4
2 high‑side
switches
1600
0.5
L99DZ80EP
TQFP64
1 full bridge
150
6
7 to 28
•
•
•
•
•
SPI
6‑bit
resolution
1.2V/1.5V
Negative
Discharge
4x
•
High‑end front door
module compatible
with bulbs/LEDs.
Control circuitry
for electrochromic
mirror glass with
possibility to
negative discharge.
H‑Bridge control, for
external MOSFETs,
with adjustable
slew‑rate
2 half bridges
300
3
2 half bridges
1600
0.5
1 high‑side switch
100
5
1 configurable
high‑side switch
500/1600
1.5/0.35
1 configurable
high‑side switch
800/1600
0.7/0.35
2 high‑side
switches
1600
0.5
L99DZ81EP
TQFP64
1 full bridge
150
6
7 to 28
•
•
•
•
•
SPI
‑
4x
•
High‑end front door
module compatible
with bulbs/LEDs.
H‑Bridge control, for
external MOSFETs,
with adjustable
slew‑rate
1 half bridge
300
3
1 configurable
high‑side switch
500/1600
1.5/0.35
1 configurable
high‑side switch
800/1600
0.7/0.35
2 high‑side
switches
1600
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com