Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99CL01XP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99CL01XP
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99CL01XP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99CL01XP Datasheet HTML 14Page - STMicroelectronics L99CL01XP Datasheet HTML 15Page - STMicroelectronics L99CL01XP Datasheet HTML 16Page - STMicroelectronics L99CL01XP Datasheet HTML 17Page - STMicroelectronics L99CL01XP Datasheet HTML 18Page - STMicroelectronics L99CL01XP Datasheet HTML 19Page - STMicroelectronics L99CL01XP Datasheet HTML 20Page - STMicroelectronics L99CL01XP Datasheet HTML 21Page - STMicroelectronics L99CL01XP Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
18
Special devices
Part number
Package
Driver stages
Operating
range
V
CC (V)
Max supply
voltage
V
CC (V)
Accuracy
Highlights
Description
Oscillating
frequency
Low load
detection
L99LD01
LQFP‑32
High efficiency constant current LED driver
5.6 to 24
40
• SPI interface
• Programmable LED current
• Dithering
LED driver
L99CL01XP
PowerSSO‑36
8 Channels high‑side LED driver
6 to 24
40
• Programmable over‑current
• SPI interface
• Configurable R
DS(on)
LED driver
L99MC6
PowerSSO‑16
3 configurable HSD/LSD
6 to 28
40
• R
DS(on) = 0.7 Ω at Tj = 25 °C
Various loads driver
H‑bridge configuration
3 low‑side switches
VN1160-E
DPAK
Power switch for motorbike direction indicator
9 to 16
40
• Lamp‑failure detection
• Indicator reverse‑battery protected
Motorbike indicator driver
VN1160-1-E
IPAK
Power switch for motorbike direction indicator
9 to 16
40
• Lamp‑failure detection
• Indicator reverse‑battery protected
Motorbike indicator driver
VN1160C-E
DPAK
Power switch for motorbike direction indicator
9 to 16
40
• Lamp‑failure detection
• Indicator reverse‑battery protected
Motorbike indicator driver
VN1160C-1-E
IPAK
Power switch for motorbike direction indicator
9 to 16
40
• Lamp‑failure detection
Indicator reverse‑battery protected
Motorbike indicator driver
VN5MB02-E (*)
SO‑16
Smart power driver for motorbike direction indicator
9 to 16
40
+/‑ 5%
+/‑ 8%
• High accuracy in setting operating
frequency and low‑load detection
• Maximum current detection with latch
• Cycle by cycle thermal limitation
Motorbike indicator driver
(*) In development. Available in Q1/2014
SPECIAL DEVICES – REVERSE BATTERY
Part number
Package
Operating range
V
CC (V)
Max supply voltage
V
CC (V)
Max on-state resistance R
DS(on)
(max) (mΩ)
Description
VN5R003H-E
HPAK
4.5 to 28
41
3
Reverse‑battery protection for an electronic control unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com