Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT13KT43R2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT13KT43R2
Description  Thick Film Trimmable Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT13KT43R2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT13KT43R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
1 / 10
TA-I TECHNOLOGY CO., LTD
1. Scope :
This specification applies for the RT series of thick film chip resistors made by TA-I.
2. Construction:
3. Type Designation:
RT
10
P
TN
103
Product Code
Size
Tolerance
Packaging
Nominal
RT : Trimmable
Power Rating
Resistance
Chip Resistor
Special
L : 06
– 2mm pitch
paper Tape
+N: Lead-Free
04-0402(1005)
1/16W
06-0603(1608)
1/10W
10-0805(2012)
1/8W
12-1206(3216)
1/4W
13-1210(3226)
1/3W
K-±10%
M-±20%
N-±30%
P:0~-30%
T-Paper Tape
3 digits, e.g.,:
(E-24) 103 = 10kΩ
0 = 0Ω
4 digits, e.g., :
(E-96) 1540 = 154Ω
43R2 = 43.2Ω
Ceramic Substrate
Ni Plating
Conductor
Sn Plating
Resistive Element
Over Coat (Color : Green)


Similar Part No. - RT13KT43R2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
LVD SCSI Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
70Kb / 2P
Configuration Selector Guide
RT1300B6TR13 CTS-RT1300B6TR13 Datasheet
56Kb / 2P
LVD SCSI Terminator RoHS Compliant Parts Available
RT1300B6TR13 CTS-RT1300B6TR13 Datasheet
70Kb / 2P
Configuration Selector Guide
RT1300B6TR7 CTS-RT1300B6TR7 Datasheet
56Kb / 2P
LVD SCSI Terminator RoHS Compliant Parts Available
More results

Similar Description - RT13KT43R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
TRIMMABLE CHIP RESISTORS
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
Trimmable Thick Film Chip Resistor
11/18/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com