Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT13KT43R2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT13KT43R2
Description  Thick Film Trimmable Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT13KT43R2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT13KT43R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
3 / 10
TA-I TECHNOLOGY CO., LTD
5. Ratings & Characteristics :
Type
Power
Rating
at 70℃
Max.
Working
Voltage
Max.
Over- Load
Voltage
T.C.R
(PPM/℃)
Resistance Range(Ω)
K(±10%)
M(±20%)
N(±30%)
P(0~-30%)
RT04
1/16W
50V
100V
±200
10Ω-1MΩ
10Ω-1MΩ
10Ω-1MΩ
10Ω-1MΩ
on quest :
0805 : 3
MΩ
RT06
1/10W
50V
100V
RT10
1/8W
150V
300V
RT12
1/4W
200V
400V
RT13
1/3W
200V
400V
Note : Except for the above standardized products, we also provide the customized products.
5.1 Derating Curve :
For resistors operated at ambient temperature over 70℃ , power rating shall be derated in
accordance with figure 1.
P max.
100
Power ratio ( % )
50
0
-55
50
70
100
125
Ambient
Temp. (
C )
Figure 1
5.2 Rated Voltage:
The rated voltage is calculated by the following formula:
E =
P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com