Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT13KT43R2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RT13KT43R2
Description  Thick Film Trimmable Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT13KT43R2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RT13KT43R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
6 / 10
TA-I TECHNOLOGY CO., LTD
8.1.4 Packaging quantity:
UNIT: mm
Package
Type
Size
Paper Tape
4 mm pitch
2 mm pitch
178mm/R
178mm/R
RT
04
10000
RT
06
5000
10000
RT
10
5000
RT
12
5000
RT
13
5000
8.2
Reel Specifications:
UNIT: mm
Type
ψA
ψB
ψC
W
T
RT /04 / 06
RT10 /12 /13
178.0 ± 2.0
60.0 ± 1.0
13.0 ± 1.0
9.0 ± 1.0
11.5 ± 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com