Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT13KT43R2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT13KT43R2
Description  Thick Film Trimmable Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT13KT43R2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT13KT43R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT13KT43R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
5 / 10
TA-I TECHNOLOGY CO., LTD
7. Marking
7.1
No Marking
8. Taping & Reel :
8.1 Taping Dimensions
8.1.1
4 mm pitch paper:
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RT06
1.1±0.1
1.9±0.1
8.0±0.2
3.5±0.05
1.75±0.1
4.0±0.1
2.0±0.05
4.0±0.1
+0.1
ψ1.5
-0
0.64±0.1
RT10
1.6±0.15
2.4±0.2
0.84±0.1
RT12
2.0±0.15
3.6±0.2
RT13
2.8±0.2
3.6±0.2
8.1.2
2 mm pitch paper :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RT04
0.7±0.05
1.2±0.05
8.0±0.2
3.5±0.05
1.75±0.1
2.0±0.1
2.0±0.1
4.0±0.1
+0.1
ψ1.5
-0
0.45±0.1
RT06
1.1±0.1
1.9±0.1
2.0±0.1
2.0±0.1
0.64±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com