Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSDF9510 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSDF9510
Description  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDF9510 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSDF9510 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SSDF9510
13A, 100V, RDS(ON) 110mΩ
Ω
Ω
Ω
-13A, -100V, RDS(ON) 210mΩ
Ω
Ω
Ω
N And P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
14-Nov-2012 Rev. A
Page 4 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTICS CURVE (N-Channel)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com