Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSDF9510 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSDF9510
Description  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDF9510 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSDF9510 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SSDF9510
13A, 100V, RDS(ON) 110mΩ
Ω
Ω
Ω
-13A, -100V, RDS(ON) 210mΩ
Ω
Ω
Ω
N And P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
14-Nov-2012 Rev. A
Page 3 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Guaranteed Avalanche Chatacteristics
Single Pulse Avalanche Energy
5 N-Ch
EAS
10
-
-
mJ
VDD=50V, L=1mH, IAS=5A
P-Ch
10
-
-
VDD= -50V, L=1mH,IAS = -5A
Source-Drain Diode
Forward On Voltage
2
N-Ch
VSD
-
-
1.2
V
IS=1A, VGS=0, TJ=25°C
P-Ch
-
-
-1.2
IS= -1A, VGS=0, TJ=25°C
Continuous Source Current
1,6
N-Ch
IS
-
-
13
A
VD=VG=0, Force Current
P-Ch
-
-
-13
Pulsed Source Current
2,6
N-Ch
ISM
-
-
48
A
P-Ch
-
-
-48
Notes:
1
Surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
Pulse width≦300µs, duty cycle≦2%.
3 The EAS data shows Max. rating . The test condition is VDD=±50V,VGS=±10V,L=1mH,IAS=±10A
4 .The power dissipation is limited by 150 °C junct ion temperature
5 The Min. value is 100% EAS tested guarantee.
6 The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com