Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSDF9510 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSDF9510
Description  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDF9510 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSDF9510 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSDF9510 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSDF9510
13A, 100V, RDS(ON) 110mΩ
Ω
Ω
Ω
-13A, -100V, RDS(ON) 210mΩ
Ω
Ω
Ω
N And P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
14-Nov-2012 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
9 5 1 0
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSDF9510 provide the designer with best combination
of fast switching, low on-resistance and cost effectiveness.
The SSDF9510 meet the RoHS and Green Product requirement ,
100% EAS guaranteed with full function reliability approved.
FEATURES
Low Gate Charge
Low On-resistance
MARKING CODE
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
N-Channel
P-Channel
Drain-Source Voltage
VDS
100
-100
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
@ VGS=10V
1
TC =25°C
ID
13
-13
A
TC =100°C
10.5
-10
Pulsed Drain Current
2
IDM
48
-48
A
Single Pulse Avalanche Energy
3
EAS
50
50
mJ
Avalanche Current
IAS
10
-10
A
Power Dissipation
4
PD
35.7
W
Maximum Junction to Ambient
1
RθJA
62.5
°C / W
Maximum Junction to Case
1
RθJC
3.5
°C / W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Package
MPQ
Leader Size
TO-252-4L
2.5K
13 inch
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.4
6.8
F
0.4
0.6
B
9.4
10.2
G
2.2
2.4
C
5.4
5.8
H
0.45
0.55
D
2.4
3.0
I
1.4
1.8
E
1.27 REF.
J
0.8
1.2
TO-252-4L


Similar Part No. - SSDF9510

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSDF9510 SECOS-SSDF9510_15 Datasheet
1Mb / 7P
N And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSDF9510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com